Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXQW1P2K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MPXQW1P2K
Description  Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MPXQW1P2K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MPXQW1P2K Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type MPX Polypropylene Film Capacitors
The Type MPX metallized, polypropylene class X2 film
capacitors are ideal for across-the-line and interference
suppression circuit applications. This series features
the self-healing capabilities associated with metallized
polypropylene, compact design, and flame retardant
construction. Tape and reel packaging are available for
ratings with a pitch of 10 mm to 32.5 mm.
Specifications
Ratings
RoHS Compliant
Metallized
Box Style, Vac Rated
Interference Suppression and
Across-the-Line VAC Applications
Voltage Range:
Capacitance Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
250 Vac, 60 Hz (UL and CSA)
275 Vac, 60 Hz (VDE and ENCE)
.0047– 2.2 μF
(.0047 – 1.0 µF on UL/CSA Spec.)
±10% (K) standard
±5% (J)
–40 °C to +100 °C
(85 ºC on UL/CSA Spec.)
2100 Vdc (1 minute)
.10% Max. (25°C, 1kHz)
10,000 mOhms x μF min.,
not to exceed 30,000 mOhms min.
UL
CSA
VDE 40017879
ENCE 40017879
E171988
LR701482
Agency Approvals:
Cap.
Catalog
T ±.020 (0.5)
H ±.020 (0.5) L ±.020 (0.5)
S ±.040 (1.0)
d
dV/dt
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm)
Inches (mm) V/µs
275 Vac
0.005
MPXQD47K
.197 (5.0)
.433 (11.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.007
MPXQD68K
.197 (5.0)
.433 (11.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.010
MPXQS1K
.197 (5.0)
.433 (11.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.015
MPXQS15K
.197 (5.0)
.433 (11.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.022
MPXQS22K
.197 (5.0)
.433 (11.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.033
MPXQS33K
.236 (6.0)
.472 (12.0)
.512 (13.0)
.394 (10.0)
.024 (.6)
100
0.047
MPXQS47K
.197 (5.0)
.433 (11.0)
.709 (18.0)
.591 (15.0)
.032 (.8)
45
0.068
MPXQS68K
.236 (6.0)
.472 (12.0)
.709 (18.0)
.591 (15.0)
.032 (.8)
45
0.100
MPXQP1K
.236 (6.0)
.531 (13.5)
.709 (18.0)
.591 (15.0)
.032 (.8)
45
0.150
MPXQP15K
.335 (8.5)
.571 (14.5)
.709 (18.0)
.591 (15.0)
.032 (.8)
45
0.220
MPXQP22K
.276 (7.0)
.650 (16.5)
1.043 (26.5)
.886 (22.5)
.032 (.8)
25
0.330
MPXQP33K
.335 (8.5)
.669 (17.0)
1.043 (26.5)
.886 (22.5)
.032 (.8)
25
0.047
MPXQP47K
.394 (10.0)
.748 (19.0)
1.043 (26.5 )
.886 (22.5)
.032 (.8)
25
0.560
MPXQP56K
.433 (11.0)
.787 (20.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
20
0.680
MPXQP68K
.433 (11.0)
.787 (20.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
20
1.000
MPXQW1K
.551 (14.0)
.984 (25.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
20
1.200
MPXQW1P2K
.590 (15.0)
1.181 (30.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
20
1.500
MPXQW1P5K
.590 (15.0)
1.181 (30.0)
1.260 (32.0)
1.083 (27.5)
.032 (.8)
20
1.800
MPXQW1P8K
.748 (19.0)
1.42 (29.0)
1.457 (37.0)
1.280 (32.5)
.032 (.8)
16
2.200
MPXQW2P2K
.748 (19.0)
1.42 (29.0)
1.457 (37.0)
1.280 (32.5)
.032 (.8)
16
S
L
H
d
T
20 MIN.


Similar Part No. - MPXQW1P2K

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPX RUBYCON-MPX Datasheet
157Kb / 2P
   POWER FILM CAPACITORS
logo
MicroPower Direct, LLC
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
   Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Sanken electric
MPX-2103 SANKEN-MPX-2103 Datasheet
67Kb / 2P
   Ultra-Fast-Recovery Rectifier Diodes
logo
CTS Corporation
MPX0103A CTS-MPX0103A Datasheet
243Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPXQW1P2K

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com