Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLY10N05 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GLY10N05
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLY10N05 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GLY10N05 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLY10N05 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H.1
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
11
GL15 SERIES — ECONOMY SURFCOIL® AIR CORE INDUCTORS
Inductance
Standard
Q/L Test
L
Inductance
Model
Q
Frequency
ID
B
L
(nH)
Tolerance*
No.
min
(MHz)
(in/mm)
(in/mm)
(in/mm)
22.0
150
GL15A22N0005
100
150
0.096/2.45
0.1/3
0.2/5
27.0
150
GL15A27N0005
100
150
0.08/2.2
0.1/3
0.18/4.5
33.0
150
GL15A33N0005
100
150
0.096/2.45
0.1/3
0.21/5.3
39.0
150
GL15A39N0005
100
150
0.087/2.2
0.1/3
0.19/4.9
47.0
150
GL15A47N0005
100
150
0.098/2.5
0.11/2.8
0.19/4.8
56.0
150
GL15A56N0005
100
150
0.091/2.3
0.12/3.1
0.12/4.7
68.0
150
GL15A68N0005
100
150
0.100/2.55
0.11/2.8
0.17/4.4
82.0
150
GL15A82N0005
100
150
0.098/2.5
0.12/3.1
0.18/4.5
100.0
150
GL15AR100005
100
150
0.096/2.45
0.1/3
0.18/4.6
120.0
150
GL15AR120005
100
150
0.11/2.8
0.1/3
0.18/4.6
GL25 SERIES — ECONOMY SURFCOIL® AIR CORE INDUCTORS
Inductance
Standard
Q/L Test
L
Inductance
Model
Q
Frequency
ID
B
L
(nH)
Tolerance*
No.
min
(MHz)
(in/mm)
(in/mm)
(in/mm)
90.0
50
GL25A90N0005
90
50
0.12/3.05
0.1/3
0.35/8.8
111.0
50
GL25AR111005
90
50
0.12/3.05
0.1/3
0.35/8.8
130.0
50
GL25AR130005
90
50
0.12/3.05
0.11/2.9
0.34/8.6
150.0
50
GL25AR150005
90
50
0.128/3.25
0.1/3
0.33/8.4
169.0
50
GL25AR169005
90
50
0.128/3.25
0.1/3
0.33/8.4
206.0
50
GL25AR206005
90
50
0.128/3.25
0.1/3
0.3/8
222.0
50
GL25AR222005
90
50
0.128/3.25
0.13/3.3
0.33/8.5
246.0
50
GL25AR246005
90
50
0.128/3.25
0.14/3.5
0.4/9
307.0
50
GL25AR307005
90
50
0.13/3.4
0.13/3.3
0.34/8.6
380.0
50
GL25AR380005
90
50
0.14/3.5
0.12/3.1
0.33/8.4
422.0
50
GL25AR422005
90
50
0.14/3.6
0.12/3.1
0.33/8.5
491.0
50
GL25AR491005
90
50
0.14/3.6
0.124/3.15
0.33/8.5
538.0
50
GL25AR538005
90
50
0.144/0.365
0.1/3
0.34/8.6
ENCAPSULATION
(FLAT SURFACE FOR
EASE OF PICK & PLACE)
TIN
PLATE
L
ID
B
0.08
2
PAD LAYOUT
0.19
4.7
0.91
2.3
176
° ±4°
0.2
6
0.39
10
GL25 Series Outline Drawing
ENCAPSULATION
(FLAT SURFACE FOR
EASE OF PICK & PLACE)
TIN
PLATE
L
ID
B
0.059
1.5
PAD LAYOUT
0.20
5.2
TYP
0.10
2.6
176
° ±4°
0.11
2.8
0.23
5.8
GL15 Series Outline Drawing
All dimensions are in/mm.
All dimensions are in/mm.
Carrier and reel specifications are on the web at www.spraguegoodman.com/800/800p1/html
* Tighter tolerances are available, consult factory.
* Tighter tolerances are available, consult factory.


Similar Description - GLY10N05

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com