Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM01-010ED090B-TF Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # MCM01-010ED090B-TF
Description  SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MCM01-010ED090B-TF Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  MCM01-010ED090B-TF Datasheet HTML 1Page - Cornell Dubilier Electronics MCM01-010ED090B-TF Datasheet HTML 2Page - Cornell Dubilier Electronics MCM01-010ED090B-TF Datasheet HTML 3Page - Cornell Dubilier Electronics MCM01-010ED090B-TF Datasheet HTML 4Page - Cornell Dubilier Electronics MCM01-010ED090B-TF Datasheet HTML 5Page - Cornell Dubilier Electronics MCM01-010ED090B-TF Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MCM and MIN SMT Clad RF Capacitors
6
Standard Minimum Quantities
Bulk Pack: 100 pieces per bag
Reel Pack: 500 pieces per reel
Solder Profile
Specifications:
Lead free finish
Case and Terminal Material:
Silver plated, copper flashed, brass
220 - 260 ºC
220 - 260 ºC
Peak 230 - 260 ºC
Peak 230 - 260 ºC
10 sec. max.
5 sec.
max.
Pre-Heat
Soldering
Cooling
Pre-Heat
Soldering
Cooling
300
260
200
150
100
50
0
0
50
100
150
200
250
300
0
20
70
80
90
50
30
150
190
200
Time (seconds)
Time (seconds)
Wave Soldering Method
Reflow Soldering Method
Tape Specifications
Tape Dimensions (mm)
Case
W
A
B
P1
F
t
MIN02-002
16
5.56
8.18
8
7.5
2.16
< 150 pF
MIN02-002
16
5.66
8.10
8
7.5
3.20
≥ 150 pF
Note: 24 mm tape for MCM01-009 and 32 mm tape for MCM01-004 are available upon request.


Similar Part No. - MCM01-010ED090B-TF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
logo
TRINAMIC Motion Control...
MCM-343-H TRINAMIC-MCM-343-H Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
MCM-343-V TRINAMIC-MCM-343-V Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
MCM-351-E TRINAMIC-MCM-351-E Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
More results

Similar Description - MCM01-010ED090B-TF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
CD17 CDE-CD17 Datasheet
163Kb / 2P
   High-Frequency, Mica Capacitors High-Frequency Capacitors for CATV and RF Applications
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
CD4FA911J03 CDE-CD4FA911J03 Datasheet
171Kb / 2P
   High-Frequency, Mica Capacitors
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com