Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB24U156M2C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # PDB24U156M2C
Description  Leak-Free Motor Run and Power Supply Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PDB24U156M2C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  PDB24U156M2C Datasheet HTML 1Page - Cornell Dubilier Electronics PDB24U156M2C Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type PD, Leak-Free Motor Run and Power Supply Capacitors
Segmented
Metallized Polypropylene
Applications
Protect your equipment and the environment
with Type PD capacitors. They’re UL approved
and meet EIA standards for motor-run and gen­
eral purpose AC applications. These plastic
cased, oil-free capacitors use segmented
metallized film to ensure safe operation with no
potential for messy or hazardous oil leaks.
Cap. (uF)
Catalog
D
H
Ratings
Number
(inches)
(inches)
240 Vac
3.0
PDA24U305M24
1.18
2.25
4.0
PDA24U405M24
1.18
2.25
5.0
PDA24U505M24
1.18
2.25
6.0
PDA24U605M24
1.18
2.25
7.5
PDA24U775M2C
1.18
2.75
10.0
PDB24U106M2C
1.58
2.75
12.5
PDB24U1255M2C
1.58
2.75
15.0
PDB24U156M2C
1.58
2.75
17.5
PDB24U1755M2C
1.58
2.75
20.0
PDB24U206M3C
1.58
3.75
25.0
PDB24U256M3C
1.58
3.75
30.0
PDB24U306M3C
1.58
3.75
35.0
PDC24U356M3C
1.77
3.75
40.0
PDC24U406M3C
1.77
3.75
45.0
PDC24U456M4B
1.77
4.70
50.0
PDC24U506M4B
1.77
4.70
55.0
PDC24U556M4B
1.77
4.70
60.0
PDD24U606M4B
1.97
4.70
65.0
PDD24U656M4B
1.97
4.70
70.0
PDD24U706M4B
1.97
4.70
Cap. (uF)
Catalog
D
H
Ratings
Number
(inches)
(inches)
370 Vac
2.0
PDA37U205M24
1.18
2.25
3.0
PDA37U305M24
1.18
2.25
4.0
PDA37U405M24
1.18
2.25
5.0
PDA37U505M2C
1.18
2.75
6.0
PDA37U605M2C
1.18
2.75
7.5
PDB37U775M2C
1.58
2.75
10.0
PDB37U106M2C
1.58
2.75
12.5
PDB37U1255M2C
1.58
2.75
15.0
PDB37U156M3C
1.58
3.75
17.5
PDB37U1755M3C
1.58
3.75
20.0
PDB37U206M3C
1.58
3.75
25.0
PDC37U256M3C
1.77
3.75
30.0
PDC37U306M4B
1.77
4.70
35.0
PDC37U356M4B
1.77
4.70
40.0
PDC37U406M4B
1.77
4.70
45.0
PDD37U456M4B
1.97
4.70
50.0
PDD37U506M4B
1.97
4.70
440 Vac
2.0
PDA44U205M24
1.18
2.25
3.0
PDA44U305M24
1.18
2.25
4.0
PDA44U405M2C
1.18
2.25
5.0
PDA44U505M2C
1.18
2.75
6.0
PDB44U605M2C
1.58
2.75
7.5
PDB44U775M2C
1.58
2.75
10.0
PDB44U106M2C
1.58
2.75
12.5
PDB44U1255M3C
1.58
3.75
15.0
PDB44U156M3C
1.58
3.75
17.5
PDC44U1755M3C
1.77
3.75
20.0
PDC44U206M3C
1.77
3.75
25.0
PDC44U256M4C
1.77
4.75
30.0
PDC44U306M4B
1.77
4.70
35.0
PDD44U356M4B
1.97
4.70
Highlights
**Obsolete once current inventory is depleted. See SF series for substitutes.
1605 East Rodney French Blvd.
C ORN ELL
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
DU BIL I ER
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
Your Source For Capacitor Solutions
6.002


Similar Part No. - PDB24U156M2C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GNL01-103A2 BOURNS-PDB241-GNL01-103A2 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GNL01-104A2 BOURNS-PDB241-GNL01-104A2 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
More results

Similar Description - PDB24U156M2C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFA37S2K219B-F CDE-SFA37S2K219B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
KTSM66U186M3E CDE-KTSM66U186M3E Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com