Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491C105K004AS-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # T491C105K004AS-F
Description  Solid Tantalum Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T491C105K004AS-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  T491C105K004AS-F Datasheet HTML 1Page - Cornell Dubilier Electronics T491C105K004AS-F Datasheet HTML 2Page - Cornell Dubilier Electronics T491C105K004AS-F Datasheet HTML 3Page - Cornell Dubilier Electronics T491C105K004AS-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type T491 Solid Tantalum Chip Capacitors
Case Code
Max. DC Max. DF %
Case Code
Max. DC Max. DF %
Catalog
Catalog
Cap
EIA
Leakage
@ 25 ºC
Cap
EIA
Leakage
@ 25 ºC
CDE
Part Number
CDE
Part Number
(µF)
IECQ
µA @ 25 ºC
120 Hz
(µF)
IECQ
µA @ 25 ºC
120 Hz
25 WVdc @ +85 ºC
(17 WVdc @ 125 ºC)
50 WVdc @ +85 ºC
(33 WVdc @ 125 ºC)
0.47
A
3216
T491A474K025AS
0.5
4
0.10
A
3216
T491A104K050AS
0.5
4
0.68
A
3216
T491A684K025AS
0.5
4
0.15
A
3216
T491A154K050AS
0.5
4
1.0
A
3216
T491A105K025AS
0.5
4
0.15
B
3528
T491B154K050AS
0.5
4
1.0
B
3528
T491B105K025AS
0.5
4
0.22
B
3528
T491B224K050AS
0.5
4
1.5
B
3528
T491B155K025AS
0.5
6
0.33
B
3528
T491B334K050AS
0.5
4
2.2
B
3528
T491B225K025AS
0.6
6
0.47
B
3528
T491B474K050AS
0.5
4
2.2
C
6032
T491C225K025AS
0.6
6
0.47
C
6032
T491C474K050AS
0.5
4
3.3
C
6032
T491C335K025AS
0.9
6
0.68
C
6032
T491C684K050AS
0.5
4
4.7
C
6032
T491C475K025AS
1.2
6
1.0
C
6032
T491C105K050AS
0.5
4
6.8
C
6032
T491C685K025AS
1.7
6
1.5
C
6032
T491C155K050AS
0.5
6
10
C
6032
T491C106K025AS
2.5
6
1.5
D
7343
T491D155K050AS
0.8
6
10
D
7343
T491D106K025AS
2.5
6
2.2
D
7343
T491D225K050AS
1.1
6
15
D
7343
T491D156K025AS
3.8
6
3.3
D
7343
T491D335K050AS
1.7
6
4.7
D
7343
T491D475K050AS
2.4
6
22
D
7343
T491D226K025AS
5.5
6
6.8
X
7343H
T491X685K050AS
3.5
6
33
X
7343H
T491X336K025AS
8.3
6
35 WVdc @ +85 ºC
(23 WVdc @ 125 ºC)
Note: CDE reserves the right to offer higher rated voltage substitutes
0.10
A
3216
T491A104K035AS
0.5
4
within the same case size. The marking will indicate the higher voltage.
0.15
A
3216
T491A154K035AS
0.5
4
0.22
A
3216
T491A224K035AS
0.5
4
0.33
A
3216
T491A334K035AS
0.5
4
0.47
A
3216
T491A474K035AS
0.5
4
0.47
B
3528
T491B474K035AS
0.5
4
0.68
B
3528
T491B684K035AS
0.5
4
1.0
B
3528
T491B105K035AS
0.5
4
1.5
C
6032
T491C155K035AS
0.5
6
2.2
C
6032
T491C225K035AS
0.8
6
3.3
C
6032
T491C335K035AS
1.2
6
4.7
C
6032
T491C475K035AS
1.7
6
4.7
D
7343
T491D475K035AS
1.7
6
6.8
D
7343
T491D685K035AS
2.4
6
10
D
7343
T491D106K035AS
3.5
6
15
X
7343H
T491X156K035AS
5.3
6
22
X
7343H
T491X226K035AS
7.7
6
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - T491C105K004AS-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K035AG KEMET-T491C105K035AG Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
T491C105K035AG KEMET-T491C105K035AG Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491C105K035AH KEMET-T491C105K035AH Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491C105K035AS KEMET-T491C105K035AS Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
T491C105K035AS KEMET-T491C105K035AS Datasheet
9Mb / 100P
   Surface Mount Capacitors
More results

Similar Description - T491C105K004AS-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com