Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXR100M6R3E1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SXR100M6R3E1
Description  105 쨘C Long Life Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR100M6R3E1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SXR100M6R3E1 Datasheet HTML 1Page - Cornell Dubilier Electronics SXR100M6R3E1 Datasheet HTML 2Page - Cornell Dubilier Electronics SXR100M6R3E1 Datasheet HTML 3Page - Cornell Dubilier Electronics SXR100M6R3E1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SXR 105 ºC Long Life Aluminum Electorlytic Capacitors
Outline Drawing
Part Numbering System
SXR
101
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SXR 1R0 = 1
K = ±10
6R3 = 6.3
A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10
E = Different Characteristic
2 = Lead form
101 = 100
100 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
+
25 ºC
+
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
120
SXR121M6R3ST
2.43
154
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
150
SXR151M6R3ST
1.95
210
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SXR221M6R3ST
1.33
260
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
330
SXR331M6R3ST
0.88
350
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
470
SXR471M6R3ST
0.62
510
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M6R3ST
0.43
635
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M6R3ST
0.36
650
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M6R3ST
0.29
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M6R3ST
0.24
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M6R3ST
0.20
1030
.394 (10.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M6R3ST
0.10
1280
.472 (12.0) 1.38 (35.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M6R3ST
0.08
1770
.472 (12.0) 1.38 (35.0)
.197 (5.0)
.0236 (0.6)
6800
SXR682M6R3ST
0.07
1810
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
8200
SXR822M6R3ST
0.06
2030
.630 (16.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SXR103M6R3ST
0.05
2320
.630 (16.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
15000
SXR153M6R3ST
0.04
2460
.709 (18.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length
Case vented on
diameters 6.3 and greater
L
S
0.5
15 Min.
D
5
PVC Sleeve
d
0.05
+
-
Outline Dimensions
(Millimeters)
Ratings
RoHS Compliant


Similar Part No. - SXR100M6R3E1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR101M010ST CDE-SXR101M010ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR101M016ST CDE-SXR101M016ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR101M025ST CDE-SXR101M025ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR101M035ST CDE-SXR101M035ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR101M050ST CDE-SXR101M050ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
More results

Similar Description - SXR100M6R3E1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com