Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD38NF03L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD38NF03L
Description  N - CHANNEL 30V - 0.013 ohm - 38A TO-252 STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD38NF03L Datasheet(HTML) 6 Page - STMicroelectronics

  STD38NF03L Datasheet HTML 1Page - STMicroelectronics STD38NF03L Datasheet HTML 2Page - STMicroelectronics STD38NF03L Datasheet HTML 3Page - STMicroelectronics STD38NF03L Datasheet HTML 4Page - STMicroelectronics STD38NF03L Datasheet HTML 5Page - STMicroelectronics STD38NF03L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
.
STD38NF03L
6/6


Similar Part No. - STD38NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
logo
VBsemi Electronics Co.,...
STD38NH02L VBSEMI-STD38NH02L Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD38NH02L-1 STMICROELECTRONICS-STD38NH02L-1 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
logo
VBsemi Electronics Co.,...
STD38NH02L-1 VBSEMI-STD38NH02L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD38NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
   N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
   N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
   N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
STB3015L STMICROELECTRONICS-STB3015L Datasheet
59Kb / 6P
   N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
   N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
   N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com