Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10W2NR-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # T10W2NR-F
Description  High Voltage Paper-Film/Foil Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T10W2NR-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  T10W2NR-F Datasheet HTML 1Page - Cornell Dubilier Electronics T10W2NR-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type T High Voltage Paper-Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Specifications
Paper-Film/Foil Capacitors for High Voltage Filter Applications
Type T capacitors are for high voltage filter applications
as well as being used for filtering, bypass and blocking
in radar amplifiers and power supplies. The Type T is
constructed with a rugged inserted tab to foil connection
to 10-32 screw terminals surrounded by thermoset plastic
bushings for high voltage performance in an oval, her-
metically seald metal case that will give long operating
life under harsh conditions.
Highlights
Hermetically sealed
High Voltage to 5 kVdc
High Temperature, 105 ºC operation with derating
0.1 µF to 15.0 µF
600 Vdc to 5000 Vdc
±10%
–55 ºC to 105 ºC — Full rated voltage to 85 ºC.
Derate linearly to 50% rated voltage at max temp.
Ratings
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
Cap
Catalog
Case
H
(µF)
Part Number
Code
(Inches)
600 Vdc
0.5
T6P5NR-F
A
2.13
1.0
T6W1NR-F
A
2.13
2.0
T6W2NR-F
A
2.13
3.0
T6W3NR-F
A
2.38
4.0
T6W4NR-F
A
2.63
6.0
T6W6NR-F
A
3.88
8.0
T6W8NR-F
C
2.88
10.0
T6W10NR-F
C
3.13
15.0
T6W15NR-F
D
3.50
1000 Vdc
0.10
T10P1NR-F
A
2.13
0.25
T10P25NR-F
A
2.13
0.50
T10P5NR-F
A
2.13
1.0
T10W1NR-F
A
2.13
2.0
T10W2NR-F
A
2.63
4.0
T10W4NR-F
A
4.25
6.0
T10W6NR-F
C
3.50
8.0
T10W8NR-F
D
3.50
10.0
T10W10NR-F
D
3.88
15.0
T10W15NR-F
D
5.25
1500 Vdc
0.5
T15P5NR-F
A
2.13
1.0
T15W1NR-F
A
2.13
2.0
T15W2NR-F
A
3.13
4.0
T15W4NR-F
C
3.13
6.0
T15W6NR-F
D
3.88
8.0
T15W8NR-F
D
4.25
Cap
Catalog
Case
H
(µF)
Part Number
Code
(Inches)
1500 Vdc
10.0
T15W10NR-F
D
4.75
12.0
T15W12NR-F
D
5.25
15.0
T15W15NR-F
D
6.25
2000 Vdc
0.10
T20P1NR-F
A
2.13
0.25
T20P25NR-F
A
2.13
0.50
T20P5NR-F
A
2.13
1.0
T20W1NR-F
A
2.63
2.0
T20W2NR-F
C
2.88
4.0
T20W4NR-F
D
3.50
5.0
T20W5NR-F
D
4.25
8.0
T20W8NR-F
D
5.75
10.0
T20W10NR-F
D
6.75
15.0
T20W15NR-F
D
9.88
2500 Vdc
1.0
T25W1NR-F
C
2.88
2.0
T25W2NR-F
C
3.13
4.0
T25W4NR-F
D
4.25
3000 Vdc
.10
T30P1NR-F
A
2.13
.50
T30P5NR-F
A
3.13
1.0
T30W1NR-F
C
3.13
6.0
T30W6NR-F
D
8.00
5000 Vdc
.50
T50P5NR-F
C
3.50
1.0
T50W1NR-F
D
4.25
2.0
T50W2NR-F
D
7.25
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - T10W2NR-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T10W2NR-F CDE-T10W2NR-F Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
More results

Similar Description - T10W2NR-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
OTB CDE-OTB Datasheet
338Kb / 3P
   Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
OTBE305KNPIR-F CDE-OTBE305KNPIR-F Datasheet
148Kb / 2P
   DC/AC Dual Rated Capacitors Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
logo
List of Unclassifed Man...
K73-11 ETC-K73-11 Datasheet
2Mb / 176P
   FILM AND PAPER-FILM CAPACITORS
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
103P VISHAY-103P Datasheet
83Kb / 2P
   Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
Revision 17-Nov-03
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
   Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Cornell Dubilier Electr...
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com