Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK330M250ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SK330M250ST
Description  85 ?C Radial Leaded Aluminum Electorlytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK330M250ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SK330M250ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK330M250ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK330M250ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK330M250ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK330M250ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK330M250ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
63 Vdc (79 Volts Surge)
22
SK220M063ST
5.43
115
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SK330M063ST
3.62
140
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SK470M063ST
2.54
190
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
100
SK101M063ST
1.19
300
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
220
SK221M063ST
0.54
490
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
330
SK331M063ST
0.36
680
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SK471M063ST
0.25
880
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
1,000
SK102M063ST
0.12
1550
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (125 Volts Surge)
0.47
SKR47M100ST
225.87
10
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1
SK010M100ST
106.16
21
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SK2R2M100ST
48.25
30
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SK3R3M100ST
32.17
40
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SK4R7M100ST
22.59
50
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SK100M100ST
10.62
75
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SK220M100ST
4.83
130
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
33
SK330M100ST
3.22
170
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
47
SK470M100ST
2.26
230
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SK101M100ST
1.06
400
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
220
SK221M100ST
0.48
710
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330
SK331M100ST
0.32
860
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SK471M100ST
0.23
1100
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
160 Vdc (200 Volts Surge)
0.47
SKR47M160ST
423.50
12.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M160ST
199.04
17.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M160ST
90.47
26.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M160ST
60.32
35.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SK4R7M160ST
42.35
40.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10
SK100M160ST
19.90
65.0
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
22
SK220M160ST
9.05
110.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
33
SK330M160ST
6.03
150.0
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M160ST
4.23
180.0
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
100
SK101M160ST
1.99
300.0
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
220
SK221M160ST
0.90
510.0
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
330
SK331M160ST
0.60
600.0
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
200 Vdc (250 Volts Surge)
0.5
SKR47M200ST
423.50
12
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M200ST
199.04
17
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M200ST
90.47
26
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M200ST
60.32
35
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SK4R7M200ST
42.35
45
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
10
SK100M200ST
19.90
70
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
22
SK220M200ST
9.05
110
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M200ST
6.03
160
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M200ST
4.23
180
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
* Note max leakage current ≥100 Vdc is measured at 3 minutes


Similar Part No. - SK330M250ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK330M250ST CDE-SK330M250ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK330M250ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com