Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAC107K006P01 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # TAC107K006P01
Description  Molded, Axial Leaded Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC107K006P01 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  TAC107K006P01 Datasheet HTML 1Page - Cornell Dubilier Electronics TAC107K006P01 Datasheet HTML 2Page - Cornell Dubilier Electronics TAC107K006P01 Datasheet HTML 3Page - Cornell Dubilier Electronics TAC107K006P01 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type TAC Solid Tantalum Capacitors
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
12
7
3.3
4
TAC126K035P07
15
7
4.2
6
TAC156K035P07
18
7
5.0
6
TAC186K035P07
22
7
6.2
6
TAC226K035P07
27
7
7.5
6
TAC276K035P07
33
7
9.2
6
TAC336K035P07
39
8
10
6
TAC396K035P08
47
8
10
6
TAC476K035P08
0.10
1
0.5
3
TAC104K050P01
0.12
1
0.5
3
TAC124K050P01
0.15
1
0.5
3
TAC154K050P01
0.18
1
0.5
3
TAC184K050P01
0.22
1
0.5
3
TAC224K050P01
0.27
1
0.5
3
TAC274K050P01
0.33
2
0.5
3
TAC334K050P02
0.39
2
0.5
3
TAC394K050P02
0.47
2
0.5
3
TAC474K050P02
0.56
2
0.5
3
TAC564K050P02
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
0.68
2
0.5
3
TAC684K050P02
0.82
2
0.5
3
TAC824K050P02
1.0
2
0.5
3
TAC105K050P02
1.2
5
0.5
3
TAC125K050P05
1.5
5
0.6
4
TAC155K050P05
1.8
5
0.7
4
TAC185K050P05
2.2
5
0.9
4
TAC225K050P05
2.7
6
1.1
4
TAC275K050P06
3.3
6
1.3
4
TAC335K050P06
3.9
6
1.6
4
TAC395K050P06
4.7
6
1.9
4
TAC475K050P06
5.6
7
2.2
4
TAC565K050P07
6.8
7
2.7
4
TAC685K050P07
8.2
7
3.2
4
TAC825K050P07
10
7
4.0
6
TAC106K050P07
12
8
4.8
6
TAC126K050P08
15
8
6.0
6
TAC156K050P08
18
8
7.2
6
TAC186K050P08
22
8
8.8
6
TAC226K050P08
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
CDE may improve your order and shorten delivery by substituting tighter tolerance or higher voltage capacitors in the same case size
.
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - TAC107K006P01

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC107K006P07-F CDE-TAC107K006P07-F Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results

Similar Description - TAC107K006P01

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com