Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP221M200C1P3 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # LP221M200C1P3
Description  105 ?C Snap-In Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LP221M200C1P3 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  LP221M200C1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LP221M200C1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LP221M200C1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LP 105 ºC Snap-In Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+105 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
35 Vdc; 44 Vdc Surge
1,800 LP182M035A1P3
0.188
1.040
0.866 0.984 22 25
2,700 LP272M035C1P3
0.155
1.257
0.984 0.984 25 25
3,900 LP392M035E1P3
0.108
1.571
1.181 0.984 30 25
5,600 LP562M035E3P3
0.074
2.050
1.181 1.181 30 30
6,800 LP682M035E5P3
0.060
2.286
1.181 1.378 30 35
6,800 LP682M035C7P3
0.061
2.320
0.984 1.575 25 40
8,200 LP822M035H3P3
0.051
2.690
1.378 1.181 35 30
10,000 LP103M035E7P3
0.041
3.000
1.181 1.575 30 40
12,000 LP123M035H7P3
0.035
3.590
1.378 1.575 35 40
15,000 LP153M035H9P3
0.028
4.000
1.378 1.969 35 50
50 Vdc; 63 Vdc Surge
1,200 LP122M050A1P3
0.280
0.860
0.866 0.984 22 25
1,500 LP152M050A1P3
0.225
0.983
0.866 0.984 22 25
2,200 LP222M050A5P3
0.151
1.330
0.866 1.378 22 35
2,200 LP222M050E1P3
0.150
1.429
1.181 0.984 30 25
3,300 LP332M050E3P3
0.101
0.176
1.181 1.181 30 30
3,300 LP332M050C5P3
0.101
1.710
0.984 1.378 25 35
3,300 LP332M050C3P3
0.101
1.710
0.984 1.181 25 30
3,900 LP392M050C7P3
0.085
1.970
0.984 1.575 25 40
4,700 LP472M050H3P3
0.071
2.270
1.378 1.181 35 30
Max ESR Max Ripple
Catalog
@ 120 Hz
@ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+105 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
50 Vdc; 63 Vdc Surge
5,600 LP562M050H5P3
0.059
2.60
1.378 1.378 35 35
6,800 LP682M050E7P3
0.049
3.16
1.181 1.575 30 40
6,800 LP682M050E9P3
0.049
3.16
1.181 1.969 30 50
8,200 LP822M050H9P3
0.040
3.43
1.378 1.969 35 50
63 Vdc; 75 Vdc Surge
820
LP821M063A1P3
0.300
0.77
0.866 0.984 22 25
1,200 LP122M063C1P3
0.210
0.99
0.984 0.984 25 25
1,800 LP182M063A7P3
0.138
1.34
0.866 1.575 22 40
1,800 LP182M063E1P3
0.140
1.37
1.181 0.984 30 25
2,200 LP222M063E3P3
0.113
1.55
1.181 1.181 30 30
3,300 LP332M063H3P3
0.076
1.20
1.378 1.181 35 30
4,700 LP472M063E9P3
0.053
2.84
1.181 1.969 30 50
6,800 LP682M063H9P3
0.037
3.36
1.378 1.969 35 50
100 Vdc; 125 Vdc Surge
820
LP821M100E1P3
0.3
0.98
1.181 0.984 30 25
2,200 LP222M100H7P3
0.113
2.03
1.378 1.575 35 40
2,700 LP272M100H9P3
0.092
2.32
1.378 1.969 35 50
2,700 LP272M100H7P3
0.092
2.32
1.378 1.575 35 40
200 Vdc; 250 Vdc Surge
150
LP151M200C1P3
1.650
0.509
0.984 0.984 25 25
150
LP151M200A1P3
1.650
0.509
0.866 0.984 22 25
180
LP181M200C1P3
1.400
0.571
0.984 0.984 25 25
220
LP221M200C1P3
1.100
0.646
0.984 0.984 25 25
220
LP221M200E1P3
1.100
0.646
1.181 0.984 30 25
220
LP221M200A3P3
1.130
0.660
0.866 1.181 22 30
270
LP271M200E1P3
0.920
0.790
1.181 0.984 30 25
270
LP271M200C3P3
0.920
0.790
0.984 1.181 25 30
330
LP331M200E3P3
0.750
0.886
1.181 1.181 30 30
390
LP391M200C5P3
0.640
0.980
0.984 1.378 25 35
470
LP471M200E5P3
0.540
1.143
1.181 1.378 30 35
Max ESR Max Ripple
Catalog
@ 120 Hz
@ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+105 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
200 Vdc; 250 Vdc Surge
470
LP471M200E1P3
0.540
1.140
1.181 0.984 30 25
470
LP471M200H3P3
0.540
1.143
1.378 1.181 35 30
560
LP561M200H3P3
0.440
1.310
1.378 1.181 35 30
680
LP681M200E3P3
0.370
1.520
1.181 1.181 30 30
680
LP681M200E5P3
0.370
1.510
1.181 1.378 30 35
680
LP681M200H1P3
0.370
1.510
1.378 0.984 35 25
820
LP821M200H7P3
0.300
1.750
1.378 1.575 35 40
820
LP821M200H3P3
0.300
1.750
1.378 1.181 35 30
1,000 LP102M200H9P3
0.250
2.114
1.378 1.969 35 50
1,000 LP102M200H5P3
0.250
2.114
1.378 1.378 35 35
1200 LP122M200E9P3
0.165
2.810
1.181 1.969 30 50
1,200 LP122M200H5P3
0.165
2.740
1.378 1.378 35 35
1,500 LP152M200H4P3
0.134
3.330
1.378 1.772 35 45
1,800 LP182M200H9P3
0.112
3.800
1.378 1.969 35 50
250 Vdc; 300 Vdc Surge
100
LP101M250A1P3
2.500
0.410
0.866 0.984 22 25
150
LP151M250C1P3
1.660
0.540
0.984 0.984 25 25
180
LP181M250C3P3
1.400
0.686
0.984 1.181 25 30
220
LP221M250E1P3
1.130
0.710
1.181 0.984 30 25
270
LP271M250C3P3
0.922
0.840
0.984 1.181 25 30
330
LP331M250E3P3
0.750
0.914
1.181 1.181 30 30
390
LP391M250H3P3
0.640
1.090
1.378 1.181 35 30
470
LP471M250E7P3
0.530
1.260
1.181 1.575 30 40
470
LP471M250H1P3
0.530
1.260
1.378 0.984 35 25
560
LP561M250H3P3
0.347
1.800
1.378 1.181 35 30
680
LP681M250E9P3
0.370
1.920
1.181 1.969 30 50
680
LP681M250H5P3
0.370
2.070
1.378 1.378 35 35
820
LP821M250H7P3
0.243
2.400
1.378 1.575 35 40
1,000 LP102M250H4P3
0.200
2.720
1.378 1.772 35 45
1,200 LP122M250H9P3
0.165
3.100
1.378 1.969 35 50


Similar Part No. - LP221M200C1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LP221M200C1P3 CDE-LP221M200C1P3 Datasheet
355Kb / 4P
   Stable ESR, Long Life, Snap-In
More results

Similar Description - LP221M200C1P3

ManufacturerPart #DatasheetDescription
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com