Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCG822U015N2L Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TCG822U015N2L
Description  Axial Leaded Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TCG822U015N2L Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TCG822U015N2L Datasheet HTML 1Page - Cornell Dubilier Electronics TCG822U015N2L Datasheet HTML 2Page - Cornell Dubilier Electronics TCG822U015N2L Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type TCG Axial Leaded Aluminum Electrolytic Capacitors
Case Code Format for Type TCG
Case Code Chart
Case
Inches
Millimeters
d
Code
D
L
D
L
Inches AWG
E1G
0.500
1.375
12.7
34.9
0.032
#20
E2C
0.500
2.125
12.7
53.9
0.032
#20
G1C
0.625
1.125
15.9
28.6
0.032
#20
G1G
0.625
1.375
15.9
34.9
0.032
#20
G1L
0.625
1.625
15.9
41.3
0.032
#20
G2C
0.625
2.125
15.9
53.9
0.032
#20
G2L
0.625
2.625
15.9
66.7
0.032
#20
G3C
0.625
3.125
15.9
79.4
0.032
#20
G3L
0.625
3.625
15.9
92.1
0.032
#20
J1C
0.750
1.125
19.1
28.6
0.040
#18
J1G
0.750
1.375
19.1
34.9
0.040
#18
J1L
0.750
1.625
19.1
41.3
0.040
#18
J2C
0.750
2.125
19.1
53.9
0.040
#18
J2L
0.750
2.625
19.1
66.7
0.040
#18
J3C
0.750
3.125
19.1
79.4
0.040
#18
J3L
0.750
3.625
19.1
92.1
0.040
#18
L1C
0.875
1.125
22.2
28.6
0.040
#18
L1G
0.875
1.375
22.2
34.9
0.040
#18
L1L
0.875
1.625
22.2
41.3
0.040
#18
L2C
0.875
2.125
22.2
53.9
0.040
#18
L2L
0.875
2.625
22.2
66.7
0.040
#18
L3C
0.875
3.125
22.2
79.4
0.040
#18
L3L
0.875
3.625
22.2
92.1
0.040
#18
N1C
1.000
1.125
25.4
28.6
0.040
#18
N1G
1.000
1.375
25.4
34.9
0.040
#18
N1L
1.000
1.625
25.4
41.3
0.040
#18
N2C
1.000
2.125
25.4
53.9
0.040
#18
N2L
1.000
2.625
25.4
66.7
0.040
#18
N3C
1.000
3.125
25.4
79.4
0.040
#18
N3L
1.000
3.625
25.4
92.1
0.040
#18
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - TCG822U015N2L

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG035QVLPAANN-AN00 KSS-TCG035QVLPAANN-AN00 Datasheet
444Kb / 23P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG035VLPAANN-AN00 KSS-TCG035VLPAANN-AN00 Datasheet
3Mb / 8P
   Display the Difference
TCG043WQLBAANN-GN00 KSS-TCG043WQLBAANN-GN00 Datasheet
479Kb / 20P
   4.3 inch WQVGA transmissive color TFT with LED backlight
TCG043WQLBAANN-GN00 KSS-TCG043WQLBAANN-GN00 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG822U015N2L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com