Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPW222M2AQ30V-W Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # LPW222M2AQ30V-W
Description  85 ?C Snap-In Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LPW222M2AQ30V-W Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  LPW222M2AQ30V-W Datasheet HTML 1Page - Cornell Dubilier Electronics LPW222M2AQ30V-W Datasheet HTML 2Page - Cornell Dubilier Electronics LPW222M2AQ30V-W Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LPW 85 ºC Snap-In Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+85 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
25 Vdc; 32 Vdc Surge
6,800 LPW682M1EP25V-W
0.110
2.72
1.181 0.984 30 25
8,200 LPW822M1EN40V-W
0.091
3.16
0.866 1.575 22 40
8,200 LPW822M1EP30V-W
0.091
3.03
1.181 1.181 30 30
10,000 LPW103M1EN45V-W
0.075
3.45
0.866 1.772 22 45
10,000 LPW103M1EP30V-W
0.075
3.14
1.181 1.181 30 30
12,000 LPW123M1EN50V-W
0.062
3.74
0.866 1.969 22 50
12,000 LPW123M1EQ30V-W
0.062
3.75
1.378 1.181 35 30
15,000 LPW153M1EO45V-W
0.050
3.78
0.984 1.772 25 45
15,000 LPW153M1EQ30V-W
0.050
3.89
1.378 1.181 35 30
22,000 LPW223M1EP50V-W
0.034
4.94
1.181 1.969 30 50
35 Vdc; 44 Vdc Surge
3,300 LPW332M1VN25V-W
0.176
2.04
0.866 0.984 22 25
3,300 LPW332M1VO25V-W
0.176
2.10
0.984 0.984 25 25
4,700 LPW472M1VN30V-W
0.123
2.41
0.866 1.181 22 30
4,700 LPW472M1VP25V-W
0.123
2.44
1.181 0.984 30 25
6,800 LPW682M1VN40V-W
0.085
2.98
0.866 1.575 22 40
6,800 LPW682M1VP30V-W
0.085
2.86
1.181 1.181 30 30
8,200 LPW822M1VN45V-W
0.071
3.25
0.866 1.772 22 45
8,200 LPW822M1VQ30V-W
0.071
3.42
1.378 1.181 35 30
10,000 LPW103M1VO45V-W
0.058
3.41
0.984 1.772 25 45
10,000 LPW103M1VQ30V-W
0.058
3.51
1.378 1.181 35 30
12,000 LPW123M1VO50V-W
0.048
3.68
0.984 1.969 25 50
12,000 LPW123M1VQ35V-W
0.048
3.84
1.378 1.378 35 35
15,000 LPW153M1VP45V-W
0.039
4.08
1.181 1.772 30 45
50 Vdc; 63 Vdc Surge
2,200 LPW222M1HN25V-W
0.226
1.92
0.866 0.984 22 25
2,200 LPW222M1HO25V-W
0.226
1.98
0.984 0.984 25 25
3,300 LPW332M1HN35V-W
0.151
2.51
0.866 1.378 22 35
3,300 LPW332M1HP25V-W
0.151
2.38
1.181 0.984 30 25
4,700 LPW472M1HN40V-W
0.106
2.89
0.866 1.575 22 40
4,700 LPW472M1HQ25V-W
0.106
2.99
1.378 0.984 35 25
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+85 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
50 Vdc; 63 Vdc Surge
6,800 LPW682M1HO45V-W
.073
3.37
0.984 1.772 25 45
6,800 LPW682M1HQ30V-W 0.073
3.46
1.378 1.181 35 30
8,200 LPW822M1HO50V-W 0.061
3.62
0.984 1.969 25 50
8,200 LPW822M1HQ35V-W 0.061
3.79
1.378 1.378 35 35
10,000 LPW103M1HP45V-W 0.050
3.72
1.181 1.772 30 45
63 Vdc; 79 Vdc Surge
1,000 LPW102M1JN25V-W
0.414
1.42
0.866 0.984 22 25
1,000 LPW102M1JO25V-W
0.414
1.46
0.984 0.984 25 25
1,500 LPW152M1JN25V-W
0.276
1.74
0.866 0.984 22 25
1,500 LPW152M1JP25V-W
0.276
1.81
1.181 0.984 30 25
2,200 LPW222M1JN30V-W
0.226
2.08
0.866 1.181 22 30
2,200 LPW222M1JP25V-W
0.226
2.10
1.181 0.984 30 25
3,300 LPW332M1JN45V-W
0.151
2.81
0.866 1.772 22 45
3,300 LPW332M1JQ25V-W
0.151
2.76
1.378 0.984 35 25
4,700 LPW472M1JO45V-W
0.106
3.11
0.984 1.772 25 45
4,700 LPW472M1JQ30V-W
0.106
3.20
1.378 1.181 35 30
6,800 LPW682M1JP45V-W
0.073
3.54
1.181 1.772 30 45
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+85 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
100 Vdc; 125 Vdc Surge
820 LPW821M2AN30V-W 0.404
1.55
0.866 1.181 22
30
820 LPW821M2AO25V-W 0.404
1.54
0.984 0.984 25
25
1,000 LPW102M2AN30V-W 0.332
1.71
0.866 1.181 22
30
1,000 LPW102M2AP25V-W 0.332
2.20
1.181 0.984 30
25
1,500 LPW152M2AN40V-W 0.276
2.38
0.866 1.575 22
40
1,500 LPW152M2AQ30V-W 0.276
2.54
1.378 1.181 35
30
2,200 LPW222M2AO45V-W 0.188
2.77
0.984 1.772 25
45
2,200 LPW222M2AQ30V-W 0.188
3.07
1.378 1.181 35
30
3,300 LPW332M2AP45V-W 0.126
3.27
1.181 1.772 30
45


Similar Part No. - LPW222M2AQ30V-W

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
LPW-10 TTELEC-LPW-10 Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
IRC - a TT electronics ...
LPW-1051202F IRCTT-LPW-1051202F Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-1051202G IRCTT-LPW-1051202G Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-1051202H IRCTT-LPW-1051202H Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
More results

Similar Description - LPW222M2AQ30V-W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com