Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS474K035P1A Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # TAS474K035P1A
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAS474K035P1A Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  TAS474K035P1A Datasheet HTML 1Page - Cornell Dubilier Electronics TAS474K035P1A Datasheet HTML 2Page - Cornell Dubilier Electronics TAS474K035P1A Datasheet HTML 3Page - Cornell Dubilier Electronics TAS474K035P1A Datasheet HTML 4Page - Cornell Dubilier Electronics TAS474K035P1A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type TAS Solid Tantalum Capacitors
Outline Drawing
Dimensions - Inches (Millimeters)
Case
Code
Uninsulated
Insulated
in. (mm)
D
±.005
(±.13)
L
±.031
(±.79)
D
±.010
(±.25)
L
±.031
(±.79)
C
Maximum
d
±.001
(±.03)
Quantity
Per
Reel
A .125(3.18) .250(6.35) .135(3.43) .286(7.26) .422 (10.72) .020(51) 3,500
C .175(4.45) .438(11.13) .185(4.70) .474(12.04) .610(15.49) .020(.51) 2,500
F .279(7.09) .650(16.51) .289(7.34) .686(17.42) .822(20.88) .025(.64)
500
G .341(8.66) .750(19.05) .351(8.92) .786(19.96) .922(23.42) .025(.64)
400
Part Numbering System
TAS
474
M
035
P
1
A
Ratings
Series
TAS
Capacitance
472 = 0.0047 µF
474 = 0.47 µF
105 = 1.0 µF
225 = 2.2 µF
106 = 10.0 µF
Tolerance
J = ±5%
K = ±10%
M = ±20%
Voltage
006 = 6 Vdc
035 = 35 Vdc
100 = 100 Vdc
Polar
P = Polar
Mylar
Sleeve
1
Case
Code
A
C
F
G
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
6 WVdc @ 85 ºC
4 WVdc @ 125 ºC
2.2
A
0.3
4
TAS225K006P1A
2.7
A
0.3
4
TAS275K006P1A
3.3
A
0.3
4
TAS335K006P1A
3.9
A
0.3
4
TAS395K006P1A
4.7
A
0.3
4
TAS475K006P1A
5.6
A
0.3
4
TAS565K006P1A
6.8
A
0.3
6
TAS685K006P1A
8.2
C
0.3
6
TAS825K006P1C
10
C
0.3
6
TAS106K006P1C
12
C
0.5
6
TAS126K006P1C
15
C
0.9
6
TAS156K006P1C
18
C
0.9
6
TAS186K006P1C
22
C
0.9
6
TAS226K006P1C
27
C
0.9
6
TAS276K006P1C
33
C
0.9
6
TAS336K006P1C
39
C
0.9
6
TAS396K006P1C
47
C
1.5
6
TAS476K006P1C
56
C
1.5
6
TAS566K006P1C
68
F
3.0
6
TAS686K006P1F
100
F
3.0
6
TAS107K006P1F
120
F
3.0
6
TAS127K006P1F
150
F
4.5
6
TAS157K006P1F
180
F
5.5
6
TAS187K006P1F
220
G
6.0
8
TAS227K006P1G
270
G
6.0
8
TAS277K006P1G
330
G
7.5
8
TAS337K006P1G
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
1.0
A
0.3
3
TAS105K010P1A
1.2
A
0.3
4
TAS125K010P1A
1.5
A
0.3
4
TAS155K010P1A
1.8
A
0.3
4
TAS185K010P1A
2.2
A
0.3
4
TAS225K010P1A
2.7
A
0.3
4
TAS275K010P1A
3.3
A
0.3
4
TAS335K010P1A
3.9
A
0.3
4
TAS395K010P1A
4.7
A
0.4
4
TAS475K010P1A
5.6
C
0.4
4
TAS565K010P1C
6.8
C
1.0
6
TAS685K010P1C
8.2
C
1.0
6
TAS825K010P1C
10
C
1.0
6
TAS106K010P1C
12
C
1.0
6
TAS126K010P1C
15
C
1.0
6
TAS156K010P1C
18
C
1.0
6
TAS186K010P1C
22
C
2.0
6
TAS226K010P1C
27
C
2.0
6
TAS276K010P1C
33
C
2.0
6
TAS336K010P1C
39
C
2.0
6
TAS396K010P1C
47
F
3.0
6
TAS476K010P1F
56
F
3.0
6
TAS566K010P1F
68
F
3.0
6
TAS686K010P1F
100
F
5.0
6
TAS107K010P1F
120
F
5.0
6
TAS127K010P1F
150
G
9.0
6
TAS157K010P1G
180
G
9.0
6
TAS187K010P1G
220
G
10.0
8
TAS227K010P1G
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - TAS474K035P1A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAS474K035P1A CDE-TAS474K035P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - TAS474K035P1A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com