Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS196N Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN74LS196N
Description  4-STAGE PRESETTABLE RIPPLE COUNTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS196N Datasheet(HTML) 6 Page - Motorola, Inc

  SN74LS196N Datasheet HTML 1Page - Motorola, Inc SN74LS196N Datasheet HTML 2Page - Motorola, Inc SN74LS196N Datasheet HTML 3Page - Motorola, Inc SN74LS196N Datasheet HTML 4Page - Motorola, Inc SN74LS196N Datasheet HTML 5Page - Motorola, Inc SN74LS196N Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS196
• SN54/74LS197
AC WAVEFORMS
Pn
tW
tPHL
tPLH
1.3 V
1.3 V
PL
Qn
tW
tPHL
1.3 V
1.3 V
1.3 V
trec
PL OR MR
CP
Q
CP
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
tW(H)
Q
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Pn
Qn
NOTE: PL = LOW
1.3 V
1.3 V
1.3 V
1.3 V
Pn*
PL
Qn*
ts(H)
ts(L)
th(H)
th(L)
* The shaded areas indicate when the input is permitted
* to change for predictable output performance
Q = P
Q = P


Similar Part No. - SN74LS196N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS196N MOTOROLA-SN74LS196N Datasheet
227Kb / 6P
   4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
Texas Instruments
SN74LS196N TI-SN74LS196N Datasheet
779Kb / 17P
[Old version datasheet]   50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
More results

Similar Description - SN74LS196N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS196 MOTOROLA-SN54LS196 Datasheet
227Kb / 6P
   4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
Fairchild Semiconductor
CD4020BC FAIRCHILD-CD4020BC Datasheet
84Kb / 8P
   14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com