Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1512F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L1512F
Description  Low Profile Designed for PCB Connections
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1512F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L1512F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
# Low Profile
# Designed for PCB Connections
series L
15-42.5Amp • SCR/Diode Modules
RATINGS
Electrical Specifications
L3
L5
L6
ID
Maximum DC Output Current @ Tc = 85˚C (A)
15
25
42.5
VF
Maximum Voltage Drop @ Amps Peak
2.2V @ 15A
1.65V @ 25A 1.6V @ 42.5A
TJ
Operating Junction Temperature Range
-40˚C to +125˚C
di/dt
Critical Rate of Rise of On-State
Current @ TJ=125˚C (A/µs)
100
dv/dt Critical Rate of Rise of Off-State Voltage
500
120 (400 VRRM)
VRMS AC Line Input Voltage
240 (600 VRRM)
(Repetitive Peak Reverse Voltage)
280 (800 VRRM)
480 (1200 VRRM)
ITSM
Maximum Non-Repetitive
Surge Current (A) [ 1/2Cycle, 60Hz]
225
300
600
I2T
Maximum I2T for Fusing (A2sec) [t=8.3ms]
210
375
1500
IGT
Maximum Required Gate Current
to Trigger @ 25˚C (mA)
60
60
80
VGT
Maximum Required Gate
Voltage to Trigger @ 25˚C (V)
2.5
2.5
3.0
PG(AV) Average Gate Power
0.5W
VGM
Maximum Peak Gate Voltage (Reverse)
5.0V
ROJC
Maximum Thermal Resistance Junction to
Ceramic Base per Chip
1.25˚C/W
0.9˚C/W
0.7˚C/W
VISOL Isolation Voltage
2500 VRMS
Mechanical Specifications
Weight (Typical)
.5 oz. (14.4 g)
Part Number Indentification
Series
Current
Circuit Type
AC Line Voltage
Options
L
3 - 15 Amps
1 - 5
1 - 120 Vac
F - Free
5 - 25 Amps
(see schematic
2 - 240 Vac
Wheeling
6 - 42.5 Amps*
diagrams)
3 - 280 Vac
Diode
4 - 480 Vac
(Circuits 1, 2)
Example: L512F * 42.5 Amp Rating Not Available In Circuit 4
1.38
(35.0)
.78
(19.8)
1.12
(28.4)
.500
(12.7)
.500
(12.7)
.500
(12.7)
.39
(9.8)
.25
(6.3)
.050 Typ.
(1.2)
G2
AC1
AC2
G1
+
--
G2
AC1
AC2
G1
+
--
AC1
AC2
G2
G1
+
--
1
2
G2
AC1
+
--
G2
AC1
AC2
G1
+
--
G2
AC1
AC2
G1
+
--
AC2
G1
G2
G1
AC1
AC2
AC1
AC2
G4
G2
G1
G3
+
--
4
G3
AC2
AC1
G2
+
--
G1
AC2
AC1
G2
G1
5
G1
G4
AC2
G2
AC1
AC2
AC1
AC2
AC1
L3, L5
L6
Circuit Modules provide ratings up to 42.5 amps in a low
profile package designed for printed circuit board connections.
Available in three standard bridge circuits and an AC switch
version, all models have 2500 Vrms isolation and are UL
recognized E72445. Mounting clip available, order part no. LMC-1.
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
Mechanical Dimensions
All dimensions are in inches (millimeters)


Similar Part No. - L1512F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1510 ETC2-L1510 Datasheet
70Kb / 2P
   STANDARD AND CUSTOM
logo
Kingbright Corporation
L1513EC KINGBRIGHT-L1513EC Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L1513GC KINGBRIGHT-L1513GC Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L1513GT KINGBRIGHT-L1513GT Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L1513IT KINGBRIGHT-L1513IT Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
More results

Similar Description - L1512F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
045B ETC2-045B Datasheet
95Kb / 1P
   Connections for Common Sensors
logo
Advanced Thermal Soluti...
ATS-51400K-C1-R0 ATS-ATS-51400K-C1-R0_17 Datasheet
315Kb / 1P
   Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51190D-C1-R0 ATS-ATS-51190D-C1-R0_17 Datasheet
314Kb / 1P
   Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330D-C1-R0 ATS-ATS-51330D-C1-R0_17 Datasheet
315Kb / 1P
   Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330K-C1-R0 ATS-ATS-51330K-C1-R0_17 Datasheet
315Kb / 1P
   Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51190K-C1-R0 ATS-ATS-51190K-C1-R0_17 Datasheet
314Kb / 1P
   Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
logo
ams AG
LTRBR37G AMSCO-LTRBR37G Datasheet
2Mb / 32P
   This device was designed for low profile consumer applications.
Version 1.3 2022-05-05
logo
Holt Integrated Circuit...
AN-551 HOLTIC-AN-551 Datasheet
336Kb / 13P
   Bus Connections for Test Configurations
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
   Designed for low power applications
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
   Designed for low power applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com