Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3NC50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD3NC50
Description  N - CHANNEL 500V - 2.4ohm - 3A TO-251/TO-252 PowerMESHII MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NC50 Datasheet(HTML) 2 Page - STMicroelectronics

  STD3NC50 Datasheet HTML 1Page - STMicroelectronics STD3NC50 Datasheet HTML 2Page - STMicroelectronics STD3NC50 Datasheet HTML 3Page - STMicroelectronics STD3NC50 Datasheet HTML 4Page - STMicroelectronics STD3NC50 Datasheet HTML 5Page - STMicroelectronics STD3NC50 Datasheet HTML 6Page - STMicroelectronics STD3NC50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthj -amb
Rthc-sink
T l
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
2.0
100
1.5
275
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current , Repet itive or Not-Repet itive
(pulse width limited by Tj max)
3A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, I
D =IAR,VDD =50 V )
40
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
500
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
VGS(th)
Gat e Threshold
Voltage
VDS =VGS
ID = 250
µA
234
V
RDS(on)
Static Drain-source O n
Resist ance
VGS =10V
ID = 1.5 A
2.4
2. 7
ID(o n)
On Stat e Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
3A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
gfs (
∗)Forward
Transconduct ance
VDS >ID(o n) xRDS(on )max
ID =1.5 A
2
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS =0
400
62
7.5
pF
pF
pF
STD3NC50
2/7


Similar Part No. - STD3NC50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD3NC50 VBSEMI-STD3NC50 Datasheet
1Mb / 9P
   Power MOSFET
STD3NC50-1 VBSEMI-STD3NC50-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
STD3NC50T4 VBSEMI-STD3NC50T4 Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD3NC50

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
   N-channel Enhanced mode TO-252/TO-251 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
   N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com