Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MF58
Description  MF58 Glass Shell Precision NTC Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MF58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
The MF58 is a NTC thermistor which is
manufactured using a combination of ceramic
and semiconductor techniques. It is equipped
with tinned axial leads and then wrapped with
purified glass.
MF58 Glass Shell Precision NTC Thermistors
2008/Feb
Applications
Temperature compensation and detection for:
• Household appliances (air conditioners, microwave ovens,
electric fans, electric heaters etc.)
• Office equipment (copiers, printers etc.)
• Industrial, medical, environmental, weather and food
processing equipment
• Liquid level detection and flow rate measurement
• Mobile phone battery
• Apparatus coils, integrated circuits, quartz crystal
oscillators and thermocouples.
Dimensions(mm)
Specifications
Main Techno-Parameter
• Zero power resistance range (R25): 0.1~1000KΩ
• Available tolerances of R25:
F=±1% G=±2% H=±3% J=±5% K=±10%
• B value (B25/50°C) range: 3100~4500K
• Available tolerances of B value: ±0.5%, ±1%, ±2%
• Dissipation factor: ≥2mW/°C (In Still Air)
• Thermal time constant: ≤20S (In Still Air)
• Operating temperature range: -55°C ~ +200°C
• Rated Power: ≤50mW
Features
• Good stability and repeatability
• High reliability
• Wide range of resistance: 0.1~1000KΩ
• Tight tolerance on resistance and Beta values
• Usable in high-temperature and high-moisture environments
• Small, light, strong package,
• Suitable for automatic insertion on thru-hole PCBs
• Rapid response
• High sensitivity


Similar Part No. - MF58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
logo
Shanghai Yint Electroni...
MF58 YINT-MF58 Datasheet
995Kb / 11P
   Metal Oxide Varistors
logo
List of Unclassifed Man...
MF58103-34 ETC-MF58103-34 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
MF58103-36 ETC-MF58103-36 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
MF58103-40 ETC-MF58103-40 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
More results

Similar Description - MF58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CANTHERM_MF58 ETC-CANTHERM_MF58 Datasheet
578Kb / 2P
   Glass Shell Precision NTC Thermistors
logo
TE Connectivity Ltd
44000RC TEC-44000RC Datasheet
101Kb / 3P
   Precision Epoxy NTC Thermistors
logo
Vishay Siliconix
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE100E3473JB0 VISHAY-NTCLE100E3473JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com