Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E16 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # E16
Description  Thermal Cutouts Temperature Protection for Electronics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E16 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  E16 Datasheet HTML 1Page - List of Unclassifed Manufacturers E16 Datasheet HTML 2Page - List of Unclassifed Manufacturers E16 Datasheet HTML 3Page - List of Unclassifed Manufacturers E16 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Quality
Type
temperature
Version
100
E 11
125 °C ±10 K
G 703
SPECIAL CONNECTIONS
Leads or single wire from 0,25 mm2 to 1,0 mm2,
Lengths from 40 mm to 10 000 mm with or with-
out stripped ends. Leads fitted with DIN push-on
terminations or crimp connectors. Freon or oil re-
sistant leads, or PTFE, PVF2, Nomex or Silicone
leads available from stock.
IMPORTANT
Leads are specified according to insulation class
and dielectric strength.
MARKING
Response temperature in clear text (5 °C steps).
Normally closed = blue (epoxy)
Normally open
= red (epoxy)
Special markings available on request.
APPROVALS
Life expectancy, nominal voltage and current ra-
tings according to VDE 0631 or EN 60730. Fur-
ther approvals – Information on request.
STANDARD QUALITY
Production item testing
Voltage test, Switch function test,
Nominal switching temperature.
ORDERING INFORMATION
We reserve the right to change specifications without prior notice.
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
C A NTHE RM
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Part No. - E16

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E16 DBLECTRO-E16 Datasheet
516Kb / 2P
   D-SUM PCB RIGHT ANGLE DUAL PORT
E16-01-A-A-A-A-A-A-1 DBLECTRO-E16-01-A-A-A-A-A-A-1 Datasheet
516Kb / 2P
   D-SUM PCB RIGHT ANGLE DUAL PORT
E16-01-A-A-B-A-A-A-1 DBLECTRO-E16-01-A-A-B-A-A-A-1 Datasheet
516Kb / 2P
   D-SUM PCB RIGHT ANGLE DUAL PORT
E16-01-A-A-C-A-A-A-1 DBLECTRO-E16-01-A-A-C-A-A-A-1 Datasheet
516Kb / 2P
   D-SUM PCB RIGHT ANGLE DUAL PORT
E16-01-A-G-A-A-A-A-1 DBLECTRO-E16-01-A-G-A-A-A-A-1 Datasheet
516Kb / 2P
   D-SUM PCB RIGHT ANGLE DUAL PORT
More results

Similar Description - E16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12 ETC2-B12 Datasheet
62Kb / 4P
   Thermal Cutout Temperature Protection for Coils/Windings
R20 ETC2-R20 Datasheet
150Kb / 6P
   Bimetal Cutouts Temperature Regulators Temperature Limiters
YD1 ETC2-YD1 Datasheet
80Kb / 4P
   PTC Thermistors Temperature Sensors for Motor Protection and Electronics
ETS320 ETC1-ETS320 Datasheet
736Kb / 2P
   Thermal Imaging Solution for Electronics Testing
logo
Artesyn Technologies
DA18-M ARTESYN-DA18-M Datasheet
2Mb / 6P
   Thermal protection
logo
KEC(Korea Electronics)
PG24BUS23 KEC-PG24BUS23_15 Datasheet
555Kb / 2P
   Protection in Portable Electronics
PG24EBUSC KEC-PG24EBUSC_15 Datasheet
542Kb / 2P
   Protection in Portable Electronics
PG03FBESC KEC-PG03FBESC_15 Datasheet
496Kb / 2P
   Protection in Portable Electronics
PG03GXTE6 KEC-PG03GXTE6_15 Datasheet
35Kb / 2P
   Protection in Portable Electronics
PG05BSESC KEC-PG05BSESC_15 Datasheet
351Kb / 2P
   Protection in Portable Electronics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com