Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA5295 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA5295
Description  24.5-26.5GHz High Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5295 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA5295 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5295 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
24.5-26.5GHz High Power Amplifier
CHA5295
Ref. : DSCHA52953125 - 05 May 03
5/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
26
30
34
38
42
46
50
54
58
16
18
20
22
24
26
Pout (dBm)
24GHz
25GHz
26GHz
27GHz
6V, 600mA
C/I3 (dBc)
C/I5 (dBc)
C/I3 & C/I5 versus DCL* Output Power
30
32
34
36
38
40
42
44
46
48
50
12
14
16
18
20
22
24
Pout (dBm)
+25°C
-35°C
+75°C
600mA
800mA
C/I3 versus drain current & temperature @ 25.5GHz
DCL: Double Carrier Level


Similar Part No. - CHA5295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5295 UMS-CHA5295 Datasheet
155Kb / 8P
   24.5-26.5GHz High Power Amplifier
CHA5295-99F/00 UMS-CHA5295-99F/00 Datasheet
155Kb / 8P
   24.5-26.5GHz High Power Amplifier
More results

Similar Description - CHA5295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5295 UMS-CHA5295 Datasheet
155Kb / 8P
   24.5-26.5GHz High Power Amplifier
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
logo
Analog Devices
HMC5805A AD-HMC5805A Datasheet
775Kb / 10P
   High P1dB Output Power: 24.5 dBm
logo
United Monolithic Semic...
CHA2192 UMS-CHA2192 Datasheet
92Kb / 6P
   24-26.5GHz Low Noise Amplifier
CHA2293 UMS-CHA2293 Datasheet
160Kb / 7P
   24.5-29.5GHz Low Noise, Variable Gain Amplifier
logo
KR Electronics, Inc.
3167-24.5 KR-3167-24.5 Datasheet
103Kb / 3P
   24.5 MHz Bandpass Filter
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
   26.5GHz, 18GHz COAXIAL SWITCH
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com