Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6517 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA6517
Description  6 - 18 GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6517 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA6517 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA6517
X-band High Power Amplifier
Ref. : DSCHA6517-8205 - 25 Jun 08
8/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Mechanical Data and Pin references
Chip thickness = 70µm +/- 10µm
HF pads (1, 7, 16, 22) = 118 x 196
DC pads = 96 x 96
Pin number
Pin name
Description
1, 22
IN
Input RF port
2, 3, 4, 19, 20, 21
VG
Negative supply voltage
5, 9, 14, 18
GND
Ground (NC)
6, 8, 10, 11, 12, 13, 15, 17
VD
Positive supply voltage
7, 16
OUT
Output RF port
21
20
19
18
17
16
15
8
7
6
5
4
3
2
1
11
12
22
10
13
14
9
4 320±35
955
2 150
1 750
3 145
2 945
130
630
1 820
2 075
3 270
3 470
2 075
1 825
3 770
430
755
3 745
000


Similar Part No. - CHA6517

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
CHA6517-99F UMS-CHA6517-99F Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
CHA6517-99F00 UMS-CHA6517-99F00 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
CHA6517 UMS-CHA6517_09 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
More results

Similar Description - CHA6517

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC_15 Datasheet
297Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com