Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD40NF3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD40NF3LL
Description  N-CHANNEL 30V - 0.0095 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STD40NF3LL Datasheet HTML 1Page - STMicroelectronics STD40NF3LL Datasheet HTML 2Page - STMicroelectronics STD40NF3LL Datasheet HTML 3Page - STMicroelectronics STD40NF3LL Datasheet HTML 4Page - STMicroelectronics STD40NF3LL Datasheet HTML 5Page - STMicroelectronics STD40NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STD40NF3LL
4/6


Similar Part No. - STD40NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF3LL STMICROELECTRONICS-STD40NF3LL Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD40NF3LLT4 STMICROELECTRONICS-STD40NF3LLT4 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
More results

Similar Description - STD40NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF03L STMICROELECTRONICS-STD40NF03L Datasheet
47Kb / 6P
   N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
   N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD29NF03L STMICROELECTRONICS-STD29NF03L Datasheet
47Kb / 6P
   N-CHANNEL 30V - 0.018 ohm - 29A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
   N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
   N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com