Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YG3C512 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # YG3C512
Description  PTC Thermistors Temperature Sensors for Motor Protection and Electronics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YG3C512 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  YG3C512 Datasheet HTML 1Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 2Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 3Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Single PTC
YD
= standard size bead 4 mm with shrunk-sleeve
YG
= standard size bead 4 mm with shrunk-sleeve and epoxy seal
YGM = mini-bead 3 mm with shrunk-sleeve and epoxy seal
Type
Type
Type
Resp.
Std. Colour code
YD1
YG1
YGM1
temp. NA
YD1 C508
YG1 C508
YGM1 C508
80
5
white - white
YD1 C509
YG1 C509
YGM1 C509
90
5
green - green
YD1 C510
YG1 C510
YGM1 C510
100
5
red - red
YD1 C511
YG1 C511
YGM1 C511
110
5
brown - brown
YD1 C512
YG1 C512
YGM1 C512
120
5
grey - grey
YD1 C513
YG1 C513
YGM1 C513
130
5
blue - blue
YD1 C514
YG1 C514
YGM1 C514
140
5
white - blue
YD1 C545
YG1 C545
YGM1 C545
145
5
white - black
YD1 C515
YG1 C515
YGM1 C515
150
5
black - black
YD1 C655
YG1 C655
YGM1 C655
155
5
blue - black
YD1 C516
YG1 C516
YGM1 C516
160
5
blue - red
YD1 C517
YG1 C517
YGM1 C517
170
5
white - green
YD1 C518
YG1 C518
YGM1 C518
180
5
red - white
TEMPERATURE-RESISTANCE CURVE
Triple PTC
YD
= standard size bead 4 mm with shrunk-sleeve
YG
= standard size bead 4 mm with shrunk-sleeve and epoxy seal
YGM = mini-bead 3 mm with shrunk-sleeve and epoxy seal
Type
Type
Resp.
Std. Colour code
YD3
YG3
temp. NA
YD
YG
YD3 C508
YG3 C508
80
5
white - black - black - white
YD3 C509
YG3 C509
90
5
green - black - black - green
YD3 C510
YG3 C510
100
5
red - black - black - red
YD3 C511
YG3 C511
110
5
brown - black - black - brown
YD3 C512
YG3 C512
120
5
grey - black - black - grey
YD3 C513
YG3 C513
130
5
blue - black - black - blue
YD3 C514
YG3 C514
140
5
white - black - black - blue
YD3 C545
YG3 C545
145
5
white - black - black - black
YD3 C515
YG3 C515
150
5
black - black - black - black
YD3 C655
YG3 C655
155
5
blue - black - black - black
YD3 C516
YG3 C516
160
5
blue - black - black - red
YD3 C517
YG3 C517
170
5
white - black - black - green
YD3 C518
YG3 C518
180
5
red - black - black - white
Mini PTC
YGM = mini-bead 3 mm with shrunk-sleeve and epoxy seal
Type
Resp.
Std. Colour code
YGM3
temp. NA
YGM3
YGM3 C508
80
5
white - yellow - yellow - white
YGM3 C509
90
5
green - yellow - yellow - green
YGM3 C510
100
5
red - yellow - yellow - red
YGM3 C511
110
5
brown - yellow - yellow - brown
YGM3 C512
120
5
grey - yellow - yellow - grey
YGM3 C513
130
5
blue - yellow - yellow - blue
YGM3 C514
140
5
white - yellow - yellow - blue
YGM3 C545
145
5
white - yellow - yellow - black
YGM3 C515
150
5
black - yellow - yellow - black
YGM3 C655
155
5
blue - yellow - yellow - black
YGM3 C516
160
5
blue - yellow - yellow - red
YGM3 C517
170
5
white - yellow - yellow - green
YGM3 C518
180
5
red - yellow - yellow - white
Threaded housing
YGM mini-bead 3 mm with shrunk-sleeve and epoxy seal
Type
Resp.
Std. Colour code
EF1
temp. NA
EF1 C508
80
5
white - white
EF1 C509
90
5
green - green
EF1 C510
100
5
red - red
EF1 C511
110
5
brown - brown
EF1 C512
120
5
grey - grey
EF1 C513
130
5
blue - blue
EF1 C514
140
5
white - blue
EF1 C545
145
5
white - black
EF1 C515
150
5
black - black
EF1 C655
155
5
blue - black
EF1 C516
160
5
blue - red
EF1 C517
170
5
white - green
EF1 C518
180
5
red - white
When ordering please specify thread size, otherwise the stock M4 size will
be supplied.


Similar Description - YG3C512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
   PTC Thermistors, Lug Sensors for Over-Temperature Protection
Revision: 15-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
   PTC Thermistors, For Temperature Protection
18-Jul-08
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
   PTC Thermistors, For Temperature Protection
Revision: 10-Oct-03
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
logo
Vishay Siliconix
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
   PTC Thermistors, Sleeve Type for Over-Temperature Protection
08-Feb-17
logo
EPCOS
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com