Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YG3C512 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # YG3C512
Description  PTC Thermistors Temperature Sensors for Motor Protection and Electronics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YG3C512 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  YG3C512 Datasheet HTML 1Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 2Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 3Page - List of Unclassifed Manufacturers YG3C512 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL DATA
POWER SUPPLY:
Voltage:
42 V, 110 V, 230 V, 400 V, 415 V0 ac
Special voltages:
eg dc, please ask
Tolerance:
+ 10 % ... – 15 %
Power consumption:
less than 3VA
Frequency:
40 – 60 Hz
Operating temp.:
– 20 °C to 60 °C
RELAY OUTPUT
1 change-over contact
Switching capacity at 250V
Use category AC 11 3A
Continuous current rating 6A
Max. current rating of overload fuse 6 A
VOLTAGE TESTING
Test voltage between supply, relay contacts and PTC
circuit, 2.5 kV
Test voltage on output contacts, 1.0 kV
PTC CONNECTION
Max. quantity of PTC connectable:
6 pcs
Terminal voltage for PTC’s
Range:
larger 1.6 k
Smaller 3.6 k +/- 10 %
SPECIAL VERSIONS
PTC sensors can be delivered with a warning label/
tag. This has a 4 cm cord, so that the tag can be seen
from the exterior when attached to the motor, equip-
ment or plant, and will warn against applying voltages
higher than 2.5V (surely this should be 2.5 kV).
The ordering code for this label ist K105.
PTC SWITCHING DEVICE
TYPE TKA1, TKA2
PTC RELAY UNIT
TYPE TKA1, TKA2
FEATURES
q sensor and relay unit are both interchangeable
q fixed sensor response temperature from
80 - 180 °C
q safe monitoring of sensing circuit and sensor
q upto 6 PTC’s can be connected
q quick installation housing (DIN-EN 50022) or
screw fixing (M4)
q also available with push-button test light
(can be retrofitted)
DESCRIPTION
These PTC relay units have been developed as state
of the art devices. All other commercially available
units can be replaced with ours.
Relay unit and sensors as per DIN 44081 and 44082
give optimum protection against thermal overload.
Together they provide a rapid and reliable motor-pro-
tection system.
Two basic formats are available:
TKA1 for applications where space is at a premium
TKA2 in a DIN housing, eg. for use in control panels
Any PTC thermistors that conform to DIN 44081 or
44082 can be connected to these relay units.
INSTALLATION
Screw or snap-on fixing TKA2
Installed on a 35 mm rail to DIN 46277 B.3 by means
of an integral snap-on housing.
Screw fixing TKA1
We reserve the right to alter specifications without notice.
CANTHERM
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Description - YG3C512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
   PTC Thermistors, Lug Sensors for Over-Temperature Protection
Revision: 15-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
   PTC Thermistors, For Temperature Protection
18-Jul-08
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
   PTC Thermistors, For Temperature Protection
Revision: 10-Oct-03
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
logo
Vishay Siliconix
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
   PTC Thermistors, Sleeve Type for Over-Temperature Protection
08-Feb-17
logo
EPCOS
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com