Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-114 Datasheet(PDF) 2 Page - Nuvotem Talema

Part # AS-114
Description  Current Sense Inductors & Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

AS-114 Datasheet(HTML) 2 Page - Nuvotem Talema

  AS-114 Datasheet HTML 1Page - Nuvotem Talema AS-114 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4
1
3
2
6
7
5
Electrical Specifications at 25°C
Type 1
Type 2
Pins 1 & 2
Ø 1.30 (0.051)
Pins 3, 4 &5
Ø 1.00 (0.039)
Pins 1, 2, 6 & 7
Ø 1.30 (0.051)
Pins 3, 4 &5
Ø 0.80 (0.032)
AS Series • Current -Sense Inductors & Transformers
Electrical Specifications at 25°C
15.25
(0.600)
10.15
(0.400)
5.08
(0.200)
14.50
(0.571)
3
4
5
1
2
18.0
(0.709)
19.60
(0.772)
4.0
(0.157)
12.7
(0.500)
17.8
(0.700)
6.35
(0.250)
6
7
1
2
3
4
5
17.8
(0.700)
12.7
(0.500)
22.9
(0.902)
17.8
(0.700)
4.0
(0.157)
Features
Meets requirements of IEC 950 and VDE norms
Operating Temperature Range: -40°C to +120°C
UL94, VO recognized materials
Primary to secondary isolated to 4000 VAC
Operating frequency range from 20kHz to 200kHz
Primary current rating to 80 Amps
F
D
7
8
3
4
1
2
H
I
G
0.60 x 0.88 mm
(AS-403 0.75 x 1.10)
C
E
3.5 ±0.3
F
D
G
C
E
5.0 ±0.3
0.60 x 0.88 mm
1
3
2
6
7
5
3
1
4
2
5
3
1
2
5
7
8
1
7
2
3
4
8
1
7
2
8
t
r
a
P
r
e
b
m
u
N
.
c
e
S
/
.
i
r
P
o
i
t
a
R
IP
s
p
m
A
S
µ
t
l
o
V
)
.
x
a
M
(
n
o
i
t
a
c
i
l
p
p
Ac
i
t
a
m
e
h
c
S
e
s
a
C
e
p
y
T
s
n
o
i
s
n
e
m
i
D
CD
E
F
G
H
I
e
l
o
H
0
0
4
-
S
A0
0
1
:
11
0
5
3g
n
i
h
c
t
i
w
SA
8
.
7
18
.
2
10
.
0
20
.
0
10
.
50
.
5
10
.
5-
-
1
0
4
-
S
A0
0
1
:
12
0
5
5g
n
i
h
c
t
i
w
SA
0
.
3
25
.
5
10
.
5
25
.
2
10
.
0
10
.
0
20
.
5-
-
2
0
4
-
S
A0
0
1
:
15
0
0
5
1g
n
i
h
c
t
i
w
SB
5
.
2
30
.
8
15
.
5
30
.
5
15
.
2
1-
--
--
-
3
0
4
-
S
A0
0
1
:
10
10
0
5
1g
n
i
h
c
t
i
w
SA
0
.
2
35
.
0
20
.
5
35
.
7
15
.
2
15
.
7
25
.
7-
-
4
0
4
-
S
A0
0
1
:
10
50
0
5
1g
n
i
h
c
t
i
w
SB
5
.
2
30
.
8
15
.
5
30
.
5
15
.
2
1-
--
-8
Ø
5
0
4
-
S
A0
0
5
:
10
50
0
7
2g
n
i
h
c
t
i
w
SA
0
.
3
25
.
5
10
.
5
25
.
2
10
.
0
10
.
0
20
.
55
Ø
6
0
4
-
S
A0
0
5
:
15
60
0
2
4g
n
i
h
c
t
i
w
SA
0
.
7
20
.
8
10
.
0
30
.
5
15
.
2
15
.
2
20
.
55
Ø
7
0
4
-
S
A0
0
5
:
10
80
0
5
7g
n
i
h
c
t
i
w
SB
5
.
2
30
.
8
15
.
5
30
.
5
15
.
2
1-
--
-8
Ø
Type A
Type B
r
e
b
m
u
N
t
r
a
P
.
c
e
S
/
.
m
i
r
P
o
i
t
a
R
L
c
e
s
)
1
(
)
.
n
i
M
H
m
(
R
C
D
c
e
s
)
.
x
a
M
s
m
h
O
(
.
m
r
e
T
.
c
e
S
)
2
(
e
c
n
a
t
s
i
s
e
R
)
.
m
o
N
s
m
h
O
(
I
c
e
s
)
3
(
.
x
a
M
S
µ
t
l
o
V
)
4
(
.
x
a
M
c
i
t
a
m
e
h
c
S
1
e
p
y
T2
e
p
y
T
0
0
2
-
S
A0
0
3
-
S
A0
5
:
15
5
6
.
00
5A
m
0
0
35
7
1
1
0
2
-
S
A1
0
3
-
S
A0
0
1
:
10
20
3
.
10
0
1A
m
0
5
10
5
3
2
0
2
-
S
A2
0
3
-
S
A0
0
2
:
10
80
5
.
40
0
2A
m
5
70
0
7
0
1
2
-
S
A0
1
3
-
S
AT
C
0
5
:
15
5
6
.
05
2
+
5
2A
m
0
0
35
7
1
1
1
2
-
S
A1
1
3
-
S
AT
C
0
0
1
:
10
20
3
.
10
5
+
0
5A
m
0
5
10
5
3
2
1
2
-
S
A2
1
3
-
S
AT
C
0
0
2
:
10
80
5
.
40
0
1
+
0
0
1A
m
5
70
0
7
0
2
3
-
S
A0
5
:
15
5
6
.
00
5A
m
0
0
35
7
1
1
2
3
-
S
A0
0
1
:
10
20
3
.
10
0
1A
m
0
5
10
5
3
2
2
3
-
S
A0
0
2
:
10
80
5
.
40
0
2A
m
5
70
0
7
0
3
3
-
S
AT
C
0
5
:
15
5
6
.
05
2
+
5
2A
m
0
0
35
7
1
1
3
3
-
S
AT
C
0
0
1
:
10
20
3
.
10
5
+
0
5A
m
0
5
10
5
3
2
3
3
-
S
AT
C
0
0
2
:
10
80
5
.
40
0
1
+
0
0
1A
m
5
70
0
7
Germany: Int.+49 89 - 841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com


Similar Part No. - AS-114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-11.0592-18-SMD ETC2-AS-11.0592-18-SMD Datasheet
302Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
IRC - a TT electronics ...
AS-11R00DLF IRCTT-AS-11R00DLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
AS-11R00FLF IRCTT-AS-11R00FLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
AS-11R00HLF IRCTT-AS-11R00HLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
AS-11R00JLF IRCTT-AS-11R00JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
More results

Similar Description - AS-114

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Pulse A Technitrol Comp...
PE-63587NL PULSE-PE-63587NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-63586 PULSE-PE-63586 Datasheet
67Kb / 1P
   THE CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com