Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC18110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GLC18110
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLC18110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GLC18110 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLC18110 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
7
GLC SERIES — SHIELDED MOLDED BOBBIN WOUND 1210 SIZE
Standard
Inductance
SRF
Q Test
Rated
DCR
Inductance
Inductance
Test Freq.
Model
(MHz)
Q
Frequency
Current
(
Ω)
L (µH)
Tolerance
(MHz)
No.
min
min
(MHz)
(mA)
max
10.0
± 10%
1.0
GLC10010
30
40
5.0
18
1.8
12.0
± 10%
1.0
GLC12010
28
40
5.0
17
2.0
15.0
± 10%
1.0
GLC15010
25
40
5.0
15
2.2
18.0
± 10%
1.0
GLC18010
23
40
5.0
13
2.5
22.0
± 10%
1.0
GLC22010
20
40
5.0
12
2.8
27.0
± 10%
1.0
GLC27010
18
40
5.0
10
3.2
33.0
± 10%
1.0
GLC33010
17
40
5.0
10
3.5
39.0
± 10%
1.0
GLC39010
15
40
5.0
9
3.8
47.0
± 10%
1.0
GLC47010
14
40
5.0
8
4.0
56.0
± 10%
1.0
GLC56010
13
40
5.0
7
4.5
68.0
± 10%
1.0
GLC68010
12
40
1.5
6
5.0
82.0
± 10%
1.0
GLC82010
11
40
1.5
6
6.0
100.0
± 10%
1.0
GLC10110
10
40
1.5
5
7.0
120.0
± 10%
1.0
GLC12110
9
40
1.5
5
8.0
150.0
± 10%
0.1
GLC15110
5
40
1.5
5
9.0
180.0
± 10%
0.1
GLC18110
5
40
1.5
5
11.0
220.0
± 10%
0.1
GLC22110
4
40
1.5
5
12.0
270.0
± 10%
0.1
GLC27110
4
40
1.5
5
14.0
Carrier and reel specifications on page 12.
GLA SERIES — NONMAGNETIC HIGH FREQUENCY MOLDED BOBBIN WOUND 1210 SIZE
Standard
Inductance
SRF
Q Test
Rated
DCR
Inductance
Inductance
Test Freq.
Model
(MHz)
Q
Frequency
Current
(
Ω)
L (µH)
Tolerance
(MHz)
No.
min
min
(MHz)
(mA)
max
0.047
± 20%
100.0
GLA47N20
680
10
100.0
450
0.20
0.056
± 20%
100.0
GLA56N20
600
10
100.0
420
0.22
0.068
± 20%
100.0
GLA68N20
540
10
100.0
400
0.25
0.082
± 20%
100.0
GLA82N20
500
10
100.0
380
0.27
0.10
± 20%
100.0
GLAR1020
450
10
100.0
360
0.30
0.12
± 20%
25.2
GLAR1220
400
10
25.2
240
0.67
0.15
± 20%
25.2
GLAR1520
350
10
25.2
230
0.72
0.18
± 20%
25.2
GLAR1820
320
10
25.2
220
0.81
0.22
± 10%
1.0
GLAR2210
280
10
25.2
210
0.90
0.27
± 10%
1.0
GLAR2710
250
10
25.2
200
1.0
0.33
± 10%
1.0
GLAR3310
220
10
25.2
190
1.1
0.39
± 10%
1.0
GLAR3910
200
10
25.2
180
1.2
0.47
± 10%
1.0
GLAR4710
180
10
25.2
175
1.4
0.56
± 10%
1.0
GLAR5610
160
10
25.2
170
1.5
0.68
± 10%
1.0
GLAR6810
150
10
25.2
155
1.7
0.82
± 10%
1.0
GLAR8210
135
10
25.2
145
1.9
1.00
±
5%
1.0
GLA1R005
120
13
7.96
125
2.1
1.20
±
5%
1.0
GLA1R205
110
13
7.96
120
2.3
1.50
±
5%
1.0
GLA1R505
95
13
7.96
115
2.7
1.80
±
5%
1.0
GLA1R805
85
13
7.96
110
3.0
2.20
±
5%
1.0
GLA2R205
80
13
7.96
110
3.2
2.70
±
5%
1.0
GLA2R705
70
13
7.96
105
3.6
3.30
±
5%
1.0
GLA3R305
62
13
7.96
100
4.2
3.90
±
5%
1.0
GLA3R905
57
13
7.96
95
4.4
4.70
±
5%
1.0
GLA4R705
52
13
7.96
70
7.7
5.60
±
5%
1.0
GLA5R605
46
13
7.96
65
8.7
6.80
±
5%
1.0
GLA6R805
42
13
7.96
60
10.0
8.20
±
5%
1.0
GLA8R205
38
13
7.96
60
11.0


Similar Part No. - GLC18110

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GLC110 GSG-GLC110 Datasheet
111Kb / 1P
   N Channel Power MOSFET FOR LOGIC DRIVER
logo
SL Power Electronics
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-12 SLPOWER-GLC110-12 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-12 SLPOWER-GLC110-12 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-15 SLPOWER-GLC110-15 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
More results

Similar Description - GLC18110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com