Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS2M-6 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # IS2M-6
Description  E1/T1/ PRI/CEPT Single Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

IS2M-6 Datasheet(HTML) 1 Page - Nuvotem Talema

  IS2M-6 Datasheet HTML 1Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Germany: Int.+49 89 - 841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
Features
industry standard through-hole footprints
wide range compatible with all common transceiver IC's
controlled parameters ensure full compliance with
ITU-T G.703 when matched with recommended IC
ideal for all 1.544 and 2.048 Mbs interface applications
manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
1500Vrms minimum isolation voltage
extended operating temperature: -40° to +85°C
fully RoHS compliant
Electrical Specifications @ 25°C
Turns Ratio: Bold = IC side windings
IS2M Series
Schematic
Note: Unused pins not provided
E1/T1/ PRI/CEPT Single Transformers
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
0.400
(10.16)
.250
(6.35)
.150
(3.81)
.200
(5.08)
3
4
2
5
1
6
.350
(8.89)
.500
(12.70)
F
1
6
IC
Line
3
4
E
3
2
1
IC
Line
4
5
6
A
6
5
4
IC
Line
1
2
3
B
1
2
3
IC
Line
6
4
C
6
5
4
IC
Line
1
3
s
r
e
m
r
o
f
s
n
a
r
T
s
e
i
r
e
S
M
2
S
I
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
5
±
L
C
O
)
.
n
i
M
H
m
(
L
L
)
.
x
a
M
H
µ
(
i
r
P
R
C
D
)
s
m
h
O
(
c
e
S
R
C
D
)
s
m
h
O
(
V
P
)
s
m
r
V
(
y
r
a
m
i
r
P
s
n
i
P
c
i
t
a
m
e
h
c
S
6
-
M
2
S
I
:
t
c
1
t
c
2
2
.
1
5
.
0
7
.
0
2
.
1
0
0
5
1
3
-
1
A
7
-
M
2
S
I:
1
t
c
2
2
.
15
.
07
.
02
.
10
0
5
14
-
6B
8
-
M
2
S
I
:
1
t
c
5
1
.
1
5
.
1
6
.
0
7
.
0
9
.
0
0
0
5
1
4
-
6
B
0
1
-
M
2
S
I:
1
t
c
6
3
.
1
2
.
18
.
05
.
08
.
00
0
5
13
-
1C
1
1
-
M
2
S
I
:
1
t
c
3
.
2
2
.
1
8
.
0
7
.
0
4
.
1
0
0
5
1
3
-
1
C
2
1
-
M
2
S
I1
6
2
.
1
/
1
:
5
.
15
.
07
.
09
.
00
0
5
14
-
6B
5
1
-
M
2
S
I
:
t
c
1
1
2
.
1
5
.
0
7
.
0
7
.
0
0
0
5
1
3
-
1
D
6
1
-
M
2
S
I:
1
t
c
5
.
1
2
.
16
.
07
.
00
.
10
0
5
14
-
6B
7
1
-
M
2
S
I
:
1
3
5
.
1
2
.
1
8
.
0
5
.
0
0
.
1
0
0
5
1
4
-
3
F
8
1
-
M
2
S
I:
1
5
8
1
.
1
2
.
15
.
07
.
08
.
00
0
5
14
-
3F
9
1
-
M
2
S
I
:
t
c
1
t
c
2
2
.
1
0
.
1
0
.
1
0
.
2
0
0
5
1
4
-
6
E
0
2
-
M
2
S
I:
t
c
1
t
c
1
2
.
10
.
10
.
10
.
10
0
5
13
-
1A
1
2
-
M
2
S
I
:
1
t
c
5
1
.
1
5
.
1
0
.
1
0
.
1
0
.
1
0
0
5
1
4
-
6
B
3
2
-
M
2
S
I:
1
t
c
4
1
.
1
2
.
10
.
17
.
08
.
00
0
5
13
-
1C
4
2
-
M
2
S
I
:
1 1
2
.
1
5
.
0
7
.
0
7
.
0
0
0
5
1
6
-
1
F
5
2
-
M
2
S
I:
1
6
3
.
1
2
.
18
.
07
.
09
.
00
0
5
14
-
3F
6
2
-
M
2
S
I
:
t
c
1
t
c
3
2
.
1
8
.
0
7
.
0
1
.
2
0
0
5
1
3
-
1
A
7
2
-
M
2
S
I:
1
t
c
3
8
5
.
1
2
.
16
.
07
.
00
.
10
0
5
14
-
6B
G
4
3
5
2
6
1
D
6
4
IC
Line
1
2
3
(10-06) Communications\ E1/T1\IS2M


Similar Part No. - IS2M-6

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS2-1009EH-Q INTERSIL-IS2-1009EH-Q Datasheet
128Kb / 3P
   Radiation Hardened 2.5V Reference
IS2-1009RH-8 INTERSIL-IS2-1009RH-8 Datasheet
92Kb / 2P
   Radiation Hardened 2.5V Reference
IS2-1009RH-Q INTERSIL-IS2-1009RH-Q Datasheet
92Kb / 2P
   Radiation Hardened 2.5V Reference
IS2-1009RH/PROTO INTERSIL-IS2-1009RH/PROTO Datasheet
79Kb / 2P
   Radiation Hardened 2.5V Reference
IS2-1009RH/PROTO INTERSIL-IS2-1009RH/PROTO Datasheet
92Kb / 2P
   Radiation Hardened 2.5V Reference
More results

Similar Description - IS2M-6

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
19649 TALEMA-19649 Datasheet
38Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
19794 TALEMA-19794 Datasheet
41Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT Transformers
logo
Nuvotem Talema
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMD Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com