Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXA105K050P1C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TXA105K050P1C
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TXA105K050P1C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TXA105K050P1C Datasheet HTML 1Page - Cornell Dubilier Electronics TXA105K050P1C Datasheet HTML 2Page - Cornell Dubilier Electronics TXA105K050P1C Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type TXA Solid Tantalum Capacitors
Cap
(µF)
Case
Code
Max
DCL
@ +25 ºC
(µA)
Max
DF %
@ +25 ºC
120 Hz
Catalog
Part Number
20 WVdc @ 85 ºC
13 WVdc @ 125 ºC
2.7
A
0.8
4
TXA275K020P1A
3.3
A
1.0
4
TXA335K020P1A
3.9
A
1.2
4
TXA395K020P1A
4.7
A
1.2
4
TXA475K020P1A
18
C
3.0
6
TXA186K020P1C
22
C
3.0
6
TXA226K020P1C
27
C
4.0
6
TXA276K020P1C
56
F
7.0
6
TXA566K020P1F
68
F
8.0
6
TXA686K020P1F
82
F
10
6
TXA826K020P1F
100
F
12
6
TXA107K020P1F
120
F
12
6
TXA127K020P1F
150
G
15
8
TXA157K020P1G
180
G
15
8
TXA187K020P1G
30 WVdc @ 85 ºC
20 WVdc @ 125 ºC
1.8
A
1
4
TXA185K030P1A
2.2
A
1
4
TXA225K030P1A
2.7
A
1
4
TXA275K030P1A
12
C
3
4
TXA126K030P1C
15
C
3
4
TXA156K030P1C
18
C
3
4
TXA186K030P1C
33
F
6
6
TXA336K030P1F
39
F
6
6
TXA396K030P1F
47
F
7
6
TXA476K030P1F
56
F
7
6
TXA566K030P1F
68
F
7
6
TXA686K030P1F
100
G
10
8
TXA107K030P1G
Cap
(µF)
Case
Code
Max
DCL
@ +25 ºC
(µA)
Max
DF %
@ +25 ºC
120 Hz
Catalog
Part Number
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
1.5
A
0.8
4
TXA155K035P1A
1.8
A
1
4
TXA185K035P1A
8.2
C
3
4
TXA825K035P1C
10
C
3
4
TXA106K035P1C
27
F
7
6
TXA276K035P1F
33
F
8
6
TXA336K035P1F
39
F
10
6
TXA396K035P1F
47
F
10
6
TXA476K035P1F
56
G
12
6
TXA566K035P1G
68
G
12
6
TXA686K035P1G
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
1.2
A
0.6
4
TXA125K050P1A
1.5
A
0.8
4
TXA155K050P1A
5.6
C
2.5
4
TXA565K050P1C
6.8
C
2.5
4
TXA685K050P1C
22
F
7
6
TXA226K050P1F
27
F
8
6
TXA276K050P1F
33
G
10
6
TXA336K050P1G
39
G
10
6
TXA396K050P1G
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - TXA105K050P1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXA15101 ETC2-TXA15101 Datasheet
287Kb / 3P
   Single Channel, 151MHz Analog Transmitter
TXA15101E ETC2-TXA15101E Datasheet
287Kb / 3P
   Single Channel, 151MHz Analog Transmitter
More results

Similar Description - TXA105K050P1C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com