Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR805S Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR805S
Description  100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR805S Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR805S Datasheet HTML 1Page - Solid States Devices, Inc SDR805S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR803
Thru
SDR817
Electrical Characteristics 4/
Symbol
Value
Units
Maximum Instantaneous Forward Voltage Drop
(
IF =100Adc, TA = 25 ºC, 300-500μs Pulse)
SDR803 – 806
SDR807 – 810
SDR811 – 814
SDR815 – 817
VF1
1.00
1.50
1.85
1.90
VDC
Maximum Instantaneous Forward Voltage Drop
(
IF =100Adc, TA = -55 ºC, 300-500μs Pulse)
SDR803 – 806
SDR807 – 810
SDR811 – 814
SDR815 – 817
VF2
1.10
1.60
1.95
2.00
VDC
Maximum Reverse Leakage Current
(Rated VR, 300μs minimum pulse)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
100
10
μA
mA
Maximum Reverse Recovery Time
(I
F = 500 mA, IR = 1 Amp, IRR = 250 mA)
TA = 25 ºC
tRR
60
nsec
Maximum Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
700
pF
Notes:
1/ For ordering information, Price, Operating Curves, and
Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA.
4/ Unless Otherwise Specified, All Maximum Ratings/Electrical
Characteristics @25°C.
Table 1- PIN ASSIGNMENT
Code Configuration Terminal Stud
__
Normal
Anode
Cathode
R
Reverse
Cathode
Anode
DO-5 Outline (Normal Pin Configuration Shown):
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0059G
DOC


Similar Part No. - SDR805S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR805 SSDI-SDR805 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR805S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
   50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR936CT-3 SSDI-SDR936CT-3 Datasheet
215Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR647CT-28 SSDI-SDR647CT-28 Datasheet
222Kb / 2P
   2AMPS 700-800VOLTS 60nsec ULTRA FAST CENTERTAP RECTIFIER
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958N SSDI-SDR958N Datasheet
228Kb / 2P
   50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
logo
Sirectifier Global Corp...
UF4001 SIRECT-UF4001 Datasheet
187Kb / 2P
   Ultra Fast Recovery Rectifier - 1.0Amp 50~1000Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com