Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2430ZF128RTCR Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430ZF128RTCR
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430ZF128RTCR Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430ZF128RTCR Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430ZF128RTCR Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 9 of 211
4
Features Emphasized
4.1
High-Performance
and
Low-Power
8051-Compatible Microcontroller
• Optimized 8051 core, which typically
gives 8x the performance of a standard
8051
• Dual data pointers
• In-circuit
interactive
debugging
is
supported
for
the
IAR
Embedded
Workbench through a simple two-wire
serial interface
4.2
Up to 128 KB Non-volatile Program
Memory and 2 x 4 KB Data Memory
32/64/128 KB of non-volatile flash
memory
in-system
programmable
through a simple two-wire interface or by
the 8051 core
Worst-case flash memory endurance:
1000 write/erase cycles
Programmable read and write lock of
portions of Flash memory for software
security
4096 bytes of internal SRAM with data
retention in all power modes
Additional 4096 bytes of internal SRAM
with data retention in power modes 0
and 1
4.3
Hardware AES Encryption/Decryption
AES supported in hardware coprocessor
4.4
Peripheral Features
Powerful DMA Controller
Power On Reset/Brown-Out Detection
Eight channel ADC with configurable
resolution
Programmable watchdog timer
Real time clock with 32.768 kHz crystal
oscillator
Four timers: one general 16-bit timer,
two general 8-bit timers, one MAC timer
Two
programmable
USARTs
for
master/slave SPI or UART operation
21 configurable general-purpose digital
I/O-pins
True random number generator
4.5
Low Power
Four flexible power modes for reduced
power consumption
System can wake up on external
interrupt or real-time counter event
Low-power fully static CMOS design
System clock source can be 16 MHz RC
oscillator or 32 MHz crystal oscillator.
The 32 MHz oscillator is used when
radio is active
Optional clock source for ultra-low power
operation can be either low-power RC
oscillator or an optional 32.768 kHz
crystal oscillator
4.6
IEEE 802.15.4 MAC hardware support
Automatic preamble generator
Synchronization word insertion/detection
CRC-16 computation and checking over
the MAC payload
Clear Channel Assessment
Energy detection / digital RSSI
Link Quality Indication
CSMA/CA Coprocessor
4.7
Integrated 2.4GHz DSSS Digital Radio
2.4 GHz IEEE 802.15.4 compliant RF
transceiver (based on industry leading
CC2420 radio core).
Excellent
receiver
sensitivity
and
robustness to interferers
250 kbps data rate, 2 MChip/s chip rate
Reference
designs
comply
with
worldwide radio frequency regulations
covered by ETSI EN 300 328 and EN
300 440 class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66
(Japan). Transmit on 2480MHz under
FCC is supported by duty-cycling, or by
reducing output power.


Similar Part No. - CC2430ZF128RTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430ZDKPRO TI-CC2430ZDKPRO Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results

Similar Description - CC2430ZF128RTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com