Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6693S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 1N6693S
Description  20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N6693S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  1N6693S Datasheet HTML 1Page - Solid States Devices, Inc 1N6693S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
1N66 __ __ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Package
____ = Axial
SMS = Surface Mount Square Tab
L Voltage
90 = 600 V
91 = 800 V
92 = 1000 V
93 = 1200 V
1N6690-1N6693
and
1N6690US-1N6693US
20 AMP
600-1200 Volts
75 nsec
ULTRA FAST RECTIFIER
Features:
• Replaces DO-4 and DO-5
• Ultra Fast Recovery
• PIV to 1200 Volts
• Low Reverse Leakage
• Hermetically Sealed Void-Free Construction3/
• Monolithic Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Available in Surface Mount Versions (-US Suffix) and in
Button Tab Mounting (See Data Sheet RU0129).
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
1N6690 & 1N6690US
1N6691 & 1N6691US
1N6692 & 1N6692US
1N6693 & 1N6693US
VRRM
VRWM
VR
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 100ºC)
Io
20
Amps
Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
375
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8 "
Junction to End Tab
RθJL
RθJE
3.0
2.5
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Specifics Available on Request.
3/ PIND Testing not Required on Void Free Devices per MIL-PRF-19500.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0143D
DOC


Similar Part No. - 1N6693S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N6693 SSDI-1N6693 Datasheet
29Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
1N6693US SSDI-1N6693US Datasheet
29Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
More results

Similar Description - 1N6693S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N6690 SSDI-1N6690 Datasheet
29Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
SRM6UF SSDI-SRM6UF Datasheet
37Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
   12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR936 SSDI-SDR936 Datasheet
218Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936-61 SSDI-SDR936-61 Datasheet
217Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936DM SSDI-SDR936DM Datasheet
220Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com