Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7025BCP32 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC7025BCP32
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7025BCP32 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC7025BCP32 Datasheet HTML 6Page - Analog Devices ADUC7025BCP32 Datasheet HTML 7Page - Analog Devices ADUC7025BCP32 Datasheet HTML 8Page - Analog Devices ADUC7025BCP32 Datasheet HTML 9Page - Analog Devices ADUC7025BCP32 Datasheet HTML 10Page - Analog Devices ADUC7025BCP32 Datasheet HTML 11Page - Analog Devices ADUC7025BCP32 Datasheet HTML 12Page - Analog Devices ADUC7025BCP32 Datasheet HTML 13Page - Analog Devices ADUC7025BCP32 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
ADuC702x Series
Preliminary Technical Data
Rev. PrA | Page 10 of 78
PIN FUNCTION DESCRIPTIONS – ADUC7020/ADUC7021/ADUC7022
Table 3. Pin Function Descriptions
Pin# ADuC702X
7020
7021
7022
Mnemonic
Type*
Function
38
37
36
ADC0
I
Single-ended or differential Analog input 0
39
38
37
ADC1
I
Single-ended or differential Analog input 1
40
39
38
ADC2/CMP0
I
Single-ended or differential Analog input 2 / Comparator Positive Input
1
40
39
ADC3/CMP1
I
Single-ended or differential Analog input 3 / Comparator Negative Input
2
1
40
ADC4
I
Single-ended or differential Analog input 4
-
2
1
ADC5
I
Single-ended or differential Analog input 5
-
3
2
ADC6
I
Single-ended or differential Analog input 6
-
4
3
ADC7
I
Single-ended or differential Analog input 7
-
-
4
ADC8
I
Single-ended or differential Analog input 8
-
-
5
ADC9
I
Single-ended or differential Analog input 9
3
5
6
GNDREF
S
Ground voltage reference for the ADC. For optimal performance the
analog power supply should be separated from IOGND and DGND
4
6
-
DAC0/ADC12
I/O
DAC0 Voltage Output / Single-ended or differential Analog input 12
5
7
-
DAC1/ADC13
I/O
DAC1 Voltage Output / Single-ended or differential Analog input 13
6
-
-
DAC2/ADC14
I/O
DAC2 Voltage Output / Single-ended or differential Analog input 14
7
-
-
DAC3/ADC15
I/O
DAC3 Voltage Output / Single-ended or differential Analog input 15
8
8
7
TMS
I
JTAG Test Port Input - Test Mode Select. Debug and download access
9
9
8
TDI
I
JTAG Test Port Input – Test Data In. Debug and download access
10
10
9
BM/P0.0/CMPOUT/P
LAI[7]
I/O
Multifunction I/O pin:
Boot Mode. The ADuC702X will enter UART serial download mode if BM
is low at reset and will execute code if BM is pulled high at reset through
a 1kOhm resistor/ General Purpose Input-Output Port 0.0 / Voltage
Comparator Output/ Programmable Logic Array Input Element 7
11
11
10
P0.6/T1/MRST/PLA
O[3]
O
Multifunction pin: driven low after reset
General Purpose Output Port 0.6 / Timer 1 Input / Power on reset output
/ Programmable Logic Array Output Element 3
12
12
11
TCK/XCLK
I
JTAG Test Port Input - Test Clock. Debug and download access / Input to
the internal clock generator circuits
13
13
12
TDO
O
JTAG Test Port Output - Test Data Out. Debug and download access
14
14
13
IOGND
S
Ground for GPIO. Typically connected to DGND
15
15
14
IOVDD
S
3.3V Supply for GPIO and input of the on-chip voltage regulator.
16
16
15
LVDD
S
2.5V. Output of the on-chip voltage regulator. Must be connected to a
0.47
µF capacitor to DGND
17
17
16
DGND
S
Ground for core logic.
18
18
17
TRST
I
JTAG Test Port Output - Test Reset. Debug and download access
19
19
18
RST
I
Reset Input. (active low)
20
20
19
IRQ0/P0.4/CONVST
ART
/PLAO[1]
I/O
Multifunction I/O pin:
External Interrupt Request 0, active high / General Purpose Input-Output
Port 0.4 / Start conversion input signal for ADC / Programmable Logic
Array Output Element 1
21
21
20
IRQ1/P0.5/ADCBUSY
/PLAO[2]
I/O
Multifunction I/O pin:
External Interrupt Request 1, active high / General Purpose Input-Output
Port 0.5 / ADCBUSY signal / Programmable Logic Array Output Element 2
22
22
21
P2.0/SPM9/PLAO[
5]/CONVSTART
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 2.0 / UART / Programmable Logic
Array Output Element 5/ Start conversion input signal for ADC
23
23
22
P0.7/ECLK/SPM8/P
LAO[4]
I/O
Serial Port Multiplexed:
General Purpose Input-Output Port 0.7 / Output for External Clock signal
/ UART / Programmable Logic Array Output Element 4


Similar Part No. - ADUC7025BCP32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7025BCP32 AD-ADUC7025BCP32 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
More results

Similar Description - ADUC7025BCP32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com