Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1010 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CC1010 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 8Page - List of Unclassifed Manufacturers CC1010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
Chipcon
Chipcon
Chipcon
Chipcon
SmartRF
SmartRF
SmartRF
SmartRF â CC1010
Chipcon AS
SmartRFâ CC1010 PRELIMINARY Datasheet (rev. 1.0) 2002-09-18
Page 5 of 133
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated.
Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Table 1. Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage, VDD
-0.3
5.0
V
Voltage on any pin
-0.3
VDD+0.3,
max 5.0
V
Input RF level
10
dBm
Storage temperature range
-50
150
°C
Un-programmed device
Storage temperature range
-40
125
°C
Programmed device, data
retention > 0.49 years at
125
°C
Lead temperature
260
°C
T = 10 s
Caution! ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Recommended Operating Conditions
Table 2. Recommended Operating Conditions
Tc = -40 to 85
°C, VDD = 2.7 to 3.6 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
Supply voltage, DVDD, AVDD
2.7
3.3
3.6
V
V
Supply voltage during
normal operation
Supply voltage, DVDD, AVDD
2.7
3.6
V
Supply voltage during
program/erase Flash
memory
Operating temperature, free-air
-40
85
°C
Main oscillator frequency
3
24
MHz
RTC oscillator frequency
32768
kHz


Similar Part No. - CC1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-RTR1 TI-CC1010-RTR1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-RTY1 TI-CC1010-RTY1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-STR1 TI-CC1010-STR1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-STY1 TI-CC1010-STY1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com