Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110DK-868 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC1110DK-868
Description  Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC1110DK-868 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC1110DK-868 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110DK-868 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 240 page
background image
CC1110Fx / CC1111Fx
SWRS033E
Page 11 of 239
Parameter
Min
Typ
Max
Unit
Condition
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in RX mode (sensitivity optimized
MDMCFG2.DEM_DCFILT_OFF=1)
19.8
19.7
17.1
mA
mA
mA
1.2 kBaud, input at sensitivity limit, system clock at 26 MHz.
1.2 kBaud, input at sensitivity limit, system clock at 24 MHz.
1.2 kBaud, input at sensitivity limit, system clock at 203 kHz.
19.8
19.7
mA
mA
1.2 kBaud, input well above sensitivity limit, system clock at 26 MHz.
1.2 kBaud, input well above sensitivity limit, system clock at 24 MHz.
19.8
17.1
mA
mA
38.4 kBaud, input at sensitivity limit, system clock at 26 MHz.
38.4 kBaud, input at sensitivity limit, system clock at 203 kHz
19.8
mA
38.4 kBaud, input well above sensitivity limit, system clock at 26 MHz.
20.5
21.5
18.1
mA
mA
mA
250 kBaud, input at sensitivity limit, system clock at 26 MHz.
250 kBaud, input at sensitivity limit, system clock at 24 MHz.
250 kBaud, input at sensitivity limit, system clock at 1.625 MHz.
Active mode with
radio in RX,
433 MHz
20.5
20.2
mA
mA
250 kBaud, input well above sensitivity limit, system clock at 26 MHz.
250 kBaud, input well above sensitivity limit, system clock at 24 MHz
See Figure 2 for typical variation over operating conditions
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in RX mode (sensitivity optimized
MDMCFG2.DEM_DCFILT_OFF=1). 24MHz system clock not
measured
19.7
17.0
mA
mA
1.2 kBaud, input at sensitivity limit, system clock at 26 MHz.
1.2 kBaud, input at sensitivity limit, system clock at 203 kHz.
18.7
mA
1.2 kBaud, input well above sensitivity limit, system clock at 26 MHz.
19.7
17.0
mA
mA
38.4 kBaud, input at sensitivity limit, system clock at 26 MHz.
38.4 kBaud, input at sensitivity limit, system clock at 203 kHz.
18.7
mA
38.4 kBaud, input well above sensitivity limit, system clock at 26 MHz.
20.4
18.0
mA
mA
250 kBaud, input at sensitivity limit, system clock at 26 MHz.
250 kBaud, input at sensitivity limit, system clock at 1.625 MHz.
Active mode with
radio in RX,
868, 915 MHz
19.1
mA
250 kBaud, input well above sensitivity limit, system clock at 26 MHz.
System clock running at 26 MHz or 24MHz.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in TX mode
31.5
mA
+10 dBm output power (PA_TABLE0=0xC2)
19
mA
0 dBm output power (PA_TABLE0=0x51)
Active mode with
radio in TX,
315 MHz
18
mA
-6 dBm output power (PA_TABLE0=0x2A)


Similar Part No. - CC1110DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110DK-868 TI-CC1110DK-868 Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com