Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD5NM60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD5NM60
Description  N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NM60 Datasheet(HTML) 3 Page - STMicroelectronics

  STD5NM60 Datasheet HTML 1Page - STMicroelectronics STD5NM60 Datasheet HTML 2Page - STMicroelectronics STD5NM60 Datasheet HTML 3Page - STMicroelectronics STD5NM60 Datasheet HTML 4Page - STMicroelectronics STD5NM60 Datasheet HTML 5Page - STMicroelectronics STD5NM60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
STD5NM60
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
Rise Time
VDD = 300V, ID = 2.5A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
16
ns
tr
9ns
Qg
Total Gate Charge
VDD = 400V, ID = 5A,
VGS = 10V
13
nC
Qgs
Gate-Source Charge
3
nC
Qgd
Gate-Drain Charge
11
nC
Symbol
Parameter
Test Condit ions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 480V, ID = 5A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
20
ns
tf
Fall Time
29
ns
tc
Cross-over Time
30
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
5
A
ISDM (2)
Source-drain Current (pulsed)
20
A
VSD (1)
Forward On Voltage
ISD = 5A, VGS =0
1.5
V
trr
Reverse Recovery Time
ISD = 5A, di/dt = 100A/µs, VDD
= 100V, Tj = 150°C
(see test circuit, Figure 5)
300
ns
Qrr
Reverse Recovery Charge
1.8
µC
IRRM
Reverse Recovery Current
12
A


Similar Part No. - STD5NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
logo
Inchange Semiconductor ...
STD5NM60 ISC-STD5NM60 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
More results

Similar Description - STD5NM60

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
   N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™Power MOSFET
January 2004
logo
Unisonic Technologies
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
   600V,5A N-Channel MOSFET
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
   600V, 5A N-Channel MOSFET
logo
STMicroelectronics
STD5NB20 STMICROELECTRONICS-STD5NB20 Datasheet
53Kb / 5P
   N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com