Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA48P-20AU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA48P-20AU
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P-20AU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA48P-20AU Datasheet HTML 1Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA48P-20AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
8025FS–AVR–08/08
ATmega48P/88P/168P/328P
2.
Overview
The ATmega48P/88P/168P/328P is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega48P/88P/168P/328P achieves throughputs approaching 1 MIPS per MHz allowing the
system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
PORT C (7)
PORT B (8)
PORT D (8)
USART 0
8bit T/C 2
16bit T/C 1
8bit T/C 0
A/D Conv.
Internal
Bandgap
Analog
Comp.
SPI
TWI
SRAM
Flash
EEPROM
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
Power
Supervision
POR / BOD &
RESET
PROGRAM
LOGIC
debugWIRE
2
GND
AREF
AVCC
ADC[6..7]
PC[0..6]
PB[0..7]
PD[0..7]
6
RESET
XTAL[1..2]
CPU


Similar Part No. - ATMEGA48P-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48P-20AU ATMEL-ATMEGA48P-20AU Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA48P-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com