Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS83C530-ECL Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS83C530-ECL
Description  EPROM/ROM Micro with Real Time Clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C530-ECL Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS83C530-ECL Datasheet HTML 1Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 2Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 3Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 4Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 5Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 6Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 7Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 8Page - Dallas Semiconductor DS83C530-ECL Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
DS87C530/DS83C530
2 of 44
DESCRIPTION
The DS87C530/DS83C530 EPROM/ROM Micro with Real Time Clock is an 8051-compatible
microcontroller based on the Dallas high-speed core. It uses 4 clocks per instruction cycle instead of 12
used by the standard 8051. It also provides a unique mix of peripherals not widely available on other
processors. They include an on-chip Real Time Clock (RTC) and battery back up support for an on-chip
1k x 8 SRAM. The new Power Management Mode allows software to select reduced power operation
while still processing.
A combination of high performance microcontroller core, Real Time Clock, battery backed SRAM, and
power management makes the DS87C530/DS83C530 ideal for instruments and portable applications. It
also provides several peripherals found on other Dallas High-Speed Microcontrollers. These include two
independent serial ports, two data pointers, on-chip power monitor with brown-out detection and a
Watchdog Timer.
Power Management Mode (PMM) allows software to select a slower CPU clock. While default operation
uses four clocks per machine cycle, the PMM runs the processor at 64 or 1024 clocks per cycle. There is a
corresponding drop in power consumption when the processor slows.
The EMI reduction feature allows software to select a reduced emission mode. This disables the ALE
signal when it is unneeded.
The DS83C530 is a factory Mask ROM version of the DS87C530 designed for high-volume, cost-
sensitive applications. It is identical in all respects to the DS87C530, except that the 16 kB of EPROM is
replaced by a user-supplied application program. All references to features of the DS87C530 will apply to
the DS83C530, with the exception of EPROM-specific features where noted. Please contact your local
Dallas Semiconductor sales representative for ordering information.
Note: The DS87C530/DS83C530 is a monolithic device. A user must supply an external battery or super-
cap and a 32.768 kHz timekeeping crystal to have permanently powered timekeeping or nonvolatile
RAM. The DS87C530/DS83C530 provides all the support and switching circuitry needed to manage
these resources.
ORDERING INFORMATION
PART NUMBER
PACKAGE
MAX. CLOCK
SPEED
TEMPERATURE RANGE
DS87C530-QCL
52-pin PLCC
33 MHz
0
°C to 70°C
DS87C530-QNL
52-pin PLCC
33 MHz
-40
°C to +85°C
DS87C530-KCL
52-pin windowed CERQUAD
33 MHz
0
°C to 70°C
DS87C530-ECL
52-pin TQFP
33 MHz
0
°C to 70°C
DS87C530-ENL
52-pin TQFP
33 MHz
-40
°C to +85°C
DS83C530-QCL
52-pin windowed CERQUAD
33 MHz
0
°C to 70°C
DS83C530-QNL
52-pin TQFP
33 MHz
-40
°C to +85°C
DS83C530-ECL
52-pin TQFP
33 MHz
0
°C to 70°C
DS83C530-ENL
52-pin TQFP
33 MHz
-40
°C to +85°C


Similar Part No. - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-ECL MAXIM-DS83C530-ECL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS83C530-ECL DALLAS-DS83C530-ECL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Maxim Integrated Produc...
DS83C530-ECL MAXIM-DS83C530-ECL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS83C530-ECL++ DALLAS-DS83C530-ECL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com