Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C410-FNY Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS80C410-FNY
Description  Network Microcontrollers with Ethernet and CAN
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C410-FNY Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS80C410-FNY Datasheet HTML 1Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 2Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 3Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 4Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 5Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 6Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 7Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 8Page - Maxim Integrated Products DS80C410-FNY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
DS80C410/DS80C411 Network Microcontrollers with Ethernet and CAN
5 of 102
EXTERNAL CLOCK OSCILLATOR (XTAL1) CHARACTERISTICS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Clock Oscillator Period
tCLK
See External Clock
Oscillator Frequency
Clock Symmetry at 0.5 x VCC3
tCH
0.45 tCLK
0.55 tCLK
ns
Clock Rise Time
tCR
3
ns
Clock Fall Time
tCF
3
ns
EXTERNAL CLOCK DRIVE
SYSTEM CLOCK TIME PERIODS (tCLCL, tCHCL, tCLCH)
SYSTEM CLOCK SELECTION
SYSTEM CLOCK HIGH (tCHCL ) AND
SYSTEM CLOCK LOW (tCLCH)
4X/
2X
CD1
CD0
SYSTEM CLOCK
PERIOD tCLCL
MIN
MAX
1
0
0
tCLK / 4
0.45 (tCLK / 4)
0.55 (tCLK / 4)
0
0
0
tCLK / 2
0.45 (tCLK / 2)
0.55 (tCLK / 2)
X
1
0
tCLK
0.45 tCLK
0.55 tCLK
X
1
1
256 tCLK
0.45 (256 tCLK)
0.55 (256 tCLK)
Note 1: Figure 21 shows a detailed description and illustration of the system clock selection.
Note 2: When an external clock oscillator is used in conjunction with the default system clock selection (CD1:CD0 = 10b), the
minimum/maximum system clock high (tCHCL) and system clock low (tCLCH) periods are directly related to clock oscillator duty cycle.
MOVX CHARACTERISTICS (MULTIPLEXED ADDRESS/DATA BUS) (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40
°C to +85∞C.)
PARAMETER
SYMBOL
MIN
MAX
UNITS
STRETCH VALUES
CST (MD2:0)
tCLCL + tCHCL - 5
CST = 0
2tCLCL - 5
1
£ CST £ 3
MOVX ALE Pulse Width
tLHLL2
6tCLCL - 5
ns
4
£ CST £ 7
tCHCL - 5
CST = 0
tCLCL - 6
1
£ CST £ 3
Port 0 MOVX Address Valid
to ALE Low
tAVLL2
5tCLCL - 6
ns
4
£ CST £ 7
tCLCH - 2
CST = 0
tCLCL - 2
1
£ CST £3
Port 0 MOVX Address Hold
after ALE Low
tLLAX2
and tLLAX3
5tCLCL - 2
ns
4
£ CST £ 7
2tCLCL - 5
CST = 0
RD Pulse Width (P3.7 or
PSEN)
tRLRH
(4 x CST) tCLCL - 3
ns
1
£ CST £ 7
2tCLCL - 5
CST = 0
WR Pulse Width (P3.6)
tWLWH
(4 x CST) tCLCL - 3
ns
1
£ CST £ 7
2tCLCL - 18
CST = 0
RD (P3.7 or PSEN) Low to
Valid Data In
tRLDV
(4 x CST) tCLCL - 18
ns
1
£ CST £ 7
Data Hold After
RD (P3.7 or
PSEN) High
tRHDX
-2
ns
tCR
tCF
tCLK
tCH
XTAL1
tCL


Similar Part No. - DS80C410-FNY

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C410-FNY DALLAS-DS80C410-FNY Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Maxim Integrated Produc...
DS80C410-FNY MAXIM-DS80C410-FNY Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
Dallas Semiconductor
DS80C410-FNY++ DALLAS-DS80C410-FNY+ Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Maxim Integrated Produc...
DS80C410-FNY++ MAXIM-DS80C410-FNY+ Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
More results

Similar Description - DS80C410-FNY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
Dallas Semiconductor
DS80C410 DALLAS-DS80C410 Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Microchip Technology
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com