Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPC-2.0-470 Datasheet(PDF) 3 Page - Nuvotem Talema

Part # DPC-2.0-470
Description  Low Cost Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

DPC-2.0-470 Datasheet(HTML) 3 Page - Nuvotem Talema

  DPC-2.0-470 Datasheet HTML 1Page - Nuvotem Talema DPC-2.0-470 Datasheet HTML 2Page - Nuvotem Talema DPC-2.0-470 Datasheet HTML 3Page - Nuvotem Talema DPC-2.0-470 Datasheet HTML 4Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Specifications at 25°C
Talema's engineering staff can assist in the design of other inductance values and sizes.
Notes
1) The µJoule rating (0.5 x LI²) is the ability of the inductor to store energy.
2) Inductance is measured at 0.10Vrms @ 10kHz without DC Current and 0.25 Vrms @ 10kHZ with DC Current.
DP Series •
Low Cost Power Inductors
THE TALEMA GROUP
World Wide Toroidal Specialists
Inductance Value in µH
Current Rating (Amps)
Mounting Style - Specify the appropriate suffix.
O = Open Mount
C = Clip Mount
B = Base Mount
V = Vertical Encapsulated
F = Flat Encapsulated
Basic Series Designation
Ordering Key
DP O
-
0.5
-
470 µH
r
e
b
m
u
N
t
r
a
P
I
C
D
s
p
m
A
.
p
y
T
)
H
µ
(
L
@
t
n
e
r
r
u
C
d
e
t
a
R
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
s
m
h
O
(
)
.
x
a
M
y
g
r
e
n
E
.
n
i
M
e
g
a
r
o
t
S
*
)
J
µ
(
e
r
i
W
Ø
m
m
e
z
I
s
l
i
o
C
m
m
.
t
H
x
.
D
.
O
e
l
y
t
S
g
n
i
t
n
u
o
M
e
z
i
S
/
y
t
i
l
i
b
a
l
i
a
v
A
CB
V
F
5
1
-
0
1
-
_
_
P
D
0
1
5
1
1
2
3
1
0
.
0
0
5
7
0
0
0
.
1
4
1
X
0
3
5
5
5
6
2
2
-
0
1
-
_
_
P
D2
28
21
2
0
.
00
0
1
,
10
0
9
.
04
1
X
1
4-
-5
9
-
-
3
3
-
0
1
-
_
_
P
D
3
3
6
4
2
2
0
.
0
0
5
6
,
1
0
0
0
.
1
4
1
X
2
4
-
-
5
9
-
-
7
4
-
0
1
-
_
_
P
D7
45
78
2
0
.
00
5
3
,
20
0
0
.
14
1
X
2
4-
-5
9
-
-
8
6
-
0
1
-
_
_
P
D
8
6
9
8
2
4
0
.
0
0
0
4
,
3
0
0
9
.
0
1
2
X
0
5
-
-
0
1
-
-
-
-
0
0
1
-
0
1
-
_
_
P
D0
0
12
5
14
4
0
.
00
0
0
,
50
0
0
.
11
2
X
0
5-
-0
1-
--
-
0
5
1
-
0
1
-
_
_
P
D
0
5
1
8
4
2
1
4
0
.
0
0
0
5
,
7
0
8
1
.
1
6
2
X
5
5
-
-
1
1
-
-
-
-
0
2
2
-
0
1
-
_
_
P
D0
2
27
2
44
5
0
.
00
0
0
,
1
10
8
1
.
16
2
X
5
5-
-1
1-
--
-
8
.
6
-
5
1
-
_
_
P
D
5
1
8
.
6
8
9
0
0
.
0
5
6
7
0
0
0
.
1
4
1
X
1
4
-
-
5
9
-
-
0
1
-
5
1
-
_
_
P
D0
14
12
1
0
.
05
2
1
,
10
0
0
.
14
1
X
1
4-
-5
9
-
-
5
1
-
5
1
-
_
_
P
D
5
1
2
2
1
1
0
.
0
8
8
6
,
1
0
8
1
.
1
4
1
X
1
4
-
-
5
9
-
-
2
2
-
5
1
-
_
_
P
D2
26
34
1
0
.
05
7
4
,
20
5
2
.
18
1
X
4
4-
-8
-
--
-
3
3
-
5
1
-
_
_
P
D
3
3
9
4
8
1
0
.
0
3
1
7
,
3
0
8
1
.
1
1
2
X
0
5
-
-
0
1
-
-
-
-
7
4
-
5
1
-
_
_
P
D7
45
76
1
0
.
08
8
2
,
50
0
4
.
12
2
X
1
5-
-1
1-
--
-
8
6
-
5
1
-
_
_
P
D
8
6
3
2
1
8
1
0
.
0
0
5
6
,
7
0
0
5
.
1
3
2
X
2
5
-
-
1
1
-
-
-
-
0
0
1
-
5
1
-
_
_
P
D0
0
17
0
23
2
0
.
00
5
2
,
1
10
0
5
.
17
2
X
6
5-
-1
1-
--
-
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Ireland
NUVOTEMTEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema.de
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 377 - 338 351
Fax: Int. + 420 377 - 338 350
Email: talema@talema.cz
Web Site:
www.ntmagnetics.cz
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Web Site: www.talemaindia.com


Similar Part No. - DPC-2.0-470

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DPC-20-1200 PULSE-DPC-20-1200 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
DPC-20-1200 BEL-DPC-20-1200 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
DPC-20-220 PULSE-DPC-20-220 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - DPC-2.0-470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com