Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPC-2.0-1500 Datasheet(PDF) 2 Page - Nuvotem Talema

Part # DPC-2.0-1500
Description  Low Cost Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

DPC-2.0-1500 Datasheet(HTML) 2 Page - Nuvotem Talema

  DPC-2.0-1500 Datasheet HTML 1Page - Nuvotem Talema DPC-2.0-1500 Datasheet HTML 2Page - Nuvotem Talema DPC-2.0-1500 Datasheet HTML 3Page - Nuvotem Talema DPC-2.0-1500 Datasheet HTML 4Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Specifications at 25 °C
DP Series •
Low Cost Power Inductors
r
e
b
m
u
N
t
r
a
P
I
C
D
s
p
m
A
.
p
y
T
)
H
µ
(
L
@
t
n
e
r
r
u
C
d
e
t
a
R
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
s
m
h
O
(
)
.
x
a
M
y
g
r
e
n
E
n
i
M
e
g
a
r
o
t
S
*
)
J
µ
(
e
r
i
W
Ø
)
m
m
(
e
z
i
S
l
i
o
C
m
m
.
t
H
x
.
D
.
O
e
l
y
t
S
g
n
i
t
n
u
o
M
e
z
i
S
/
y
t
i
l
i
b
a
l
i
a
v
A
CB
V
F
2
2
-
0
.
2
-
_
_
P
D
0
.
2
2
2
7
2
0
7
0
.
0
4
4
0
0
4
.
0
8
x
4
1
2
3
2
2
3
3
-
0
.
2
-
_
_
P
D3
35
49
8
0
.
06
60
0
4
.
08
x
4
1
232
2
7
4
-
0
.
2
-
_
_
P
D
7
4
3
7
0
9
0
.
0
4
9
0
5
4
.
0
8
x
5
1
2
3
2
2
8
6
-
0
.
2
-
_
_
P
D8
69
0
19
8
0
.
06
3
10
0
5
.
08
x
5
1
232
2
0
0
1
-
0
.
2
-
_
_
P
D
0
0
1
7
5
1
9
0
1
.
0
0
0
2
0
0
5
.
0
8
x
9
1
3
3
3
3
0
5
1
-
0
.
2
-
_
_
P
D0
5
17
0
26
0
1
.
00
0
30
0
6
.
02
1
x
5
24
5
4
4
0
2
2
-
0
.
2
-
_
_
P
D
0
2
2
8
2
3
3
5
1
.
0
0
4
4
0
6
5
.
0
1
1
x
5
2
4
5
4
4
0
3
3
-
0
.
2
-
_
_
P
D0
3
35
7
52
0
2
.
00
6
60
6
5
.
02
1
x
6
24
5
4
4
0
7
4
-
0
.
2
-
_
_
P
D
0
7
4
0
2
7
4
1
2
.
0
0
4
9
0
0
6
.
0
4
1
x
0
3
5
5
5
6
0
8
6
-
0
.
2
-
_
_
P
D0
8
61
5
2
,
12
8
2
.
00
6
3
,
10
0
6
.
04
1
x
0
3
555
6
0
0
0
1
-
0
.
2
-
_
_
P
D
0
0
0
1
9
2
4
,
1
5
3
3
.
0
0
0
0
,
2
0
0
6
.
0
4
1
x
2
4
-
-
5
9
-
-
0
0
5
1
-
0
.
2
-
_
_
P
D0
0
5
18
8
4
,
21
4
4
.
00
0
0
,
30
0
6
.
05
1
x
2
4-
-8
9
-
-
0
0
2
2
-
0
.
2
-
_
_
P
D
0
0
2
2
8
1
2
,
3
5
0
4
.
0
0
0
4
,
4
0
1
7
.
0
2
2
x
1
5
-
-
0
1
-
-
-
-
5
1
-
0
.
3
-
_
_
P
D
0
.
3
5
11
29
3
0
.
08
60
0
5
.
08
x
4
1
232
2
2
2
-
0
.
3
-
_
_
P
D
2
2
4
3
0
5
0
.
0
9
9
0
0
5
.
0
8
x
4
1
2
3
2
2
3
3
-
0
.
3
-
_
_
P
D3
39
48
3
0
.
09
4
10
3
6
.
08
x
9
1
333
3
7
4
-
0
.
3
-
_
_
P
D
7
4
5
7
8
4
0
.
0
2
1
2
0
3
6
.
0
8
x
0
2
3
3
3
3
8
6
-
0
.
3
-
_
_
P
D8
62
90
6
0
.
06
0
30
3
6
.
02
1
x
5
24
5
4
4
0
0
1
-
0
.
3
-
_
_
P
D
0
0
1
7
5
1
0
8
0
.
0
8
5
4
0
3
6
.
0
2
1
x
5
2
4
5
4
4
0
5
1
-
0
.
3
-
_
_
P
D0
5
16
5
27
0
1
.
05
7
60
3
6
.
02
1
x
5
24
5
4
4
0
2
2
-
0
.
3
-
_
_
P
D
0
2
2
6
4
3
4
3
1
.
0
0
9
9
0
3
6
.
0
3
1
x
9
2
5
5
5
6
0
3
3
-
0
.
3
-
_
_
P
D0
3
35
2
62
4
1
.
05
8
4
,
10
1
7
.
04
1
x
0
3
555
6
0
7
4
-
0
.
3
-
_
_
P
D
0
7
4
7
2
7
7
8
1
.
0
5
1
1
,
2
0
7
6
.
0
4
1
x
2
4
-
-
5
9
-
-
0
8
6
-
0
.
3
-
_
_
P
D0
8
64
2
1
,
12
0
3
.
00
6
0
,
30
3
6
0
.6
1
x
2
4-
-8
-
--
-
0
0
0
1
-
0
.
3
-
_
_
P
D
0
0
0
1
3
9
4
,
1
4
0
3
.
0
0
0
5
,
4
0
7
6
.
0
0
2
x
9
4
-
-
0
1
-
-
-
-
0
0
5
1
-
0
.
3
-
_
_
P
D0
0
5
14
2
3
,
24
8
3
.
00
5
7
,
60
7
6
.
04
2
x
3
5-
-1
1-
--
-
0
0
2
2
-
0
.
3
-
_
_
P
D
0
0
2
2
0
9
0
,
4
9
0
5
.
0
0
0
9
,
9
0
7
6
.
0
6
2
x
4
5
-
-
1
1
-
-
-
-
5
1
-
0
.
5
-
_
_
P
D
0
.
5
5
13
29
2
0
.
08
8
10
0
6
.
08
x
0
2
333
3
2
2
-
0
.
5
-
_
_
P
D
2
2
8
2
9
3
0
.
0
5
7
2
0
0
6
.
0
2
1
x
5
2
4
5
4
4
3
3
-
0
.
5
-
_
_
P
D3
38
46
3
0
.
03
1
40
1
7
.
02
1
x
5
24
5
4
4
7
4
-
0
.
5
-
_
_
P
D
7
4
2
8
3
4
0
.
0
8
8
5
0
5
7
.
0
2
1
x
5
2
4
5
4
4
8
6
-
0
.
5
-
_
_
P
D8
67
3
15
5
0
.
00
5
80
5
7
.
02
1
x
6
24
5
4
4
0
0
1
-
0
.
5
-
_
_
P
D
0
0
1
2
7
1
9
5
0
.
0
0
5
2
,
1
0
0
8
.
0
3
1
x
0
3
5
5
5
6
0
5
1
-
0
.
5
-
_
_
P
D0
5
11
2
24
9
0
.
05
7
8
,
10
1
7
.
03
1
x
1
4-
-5
9
-
-
0
2
2
-
0
.
5
-
_
_
P
D
0
2
2
1
8
3
7
9
0
.
0
0
5
7
,
2
0
0
8
.
0
3
1
x
1
4
-
-
5
9
-
-
0
3
3
-
0
.
5
-
_
_
P
D0
3
35
7
46
5
1
.
05
2
1
,
40
1
7
.
00
2
x
9
4-
-0
1-
--
-
0
7
4
-
0
.
5
-
_
_
P
D
0
7
4
2
5
8
7
8
1
.
0
5
7
8
,
5
0
5
7
.
0
0
2
x
9
4
-
-
0
1
-
-
-
-
0
8
6
-
0
.
5
-
_
_
P
D0
8
66
8
1
,
16
9
1
.
00
0
5
,
80
0
8
.
05
2
x
3
5-
-1
1-
--
-
0
0
0
1
-
0
.
5
-
_
_
P
D
0
0
0
1
3
9
0
,
2
6
0
2
.
0
0
0
5
,
2
1
0
0
9
.
0
6
2
x
5
5
-
-
1
1
-
-
-
-
5
1
-
5
.
7
-
_
_
P
D
5
.
7
5
18
12
2
0
.
02
2
40
5
7
.
04
1
x
0
3
555
6
2
2
-
5
.
7
-
_
_
P
D
2
2
0
3
5
2
0
.
0
9
1
6
0
0
8
.
0
4
1
x
0
3
5
5
5
6
3
3
-
5
.
7
-
_
_
P
D3
39
45
2
0
.
08
2
90
0
9
.
04
1
x
0
3
555
6
7
4
-
5
.
7
-
_
_
P
D
7
4
4
8
6
2
0
.
0
2
2
3
,
1
0
0
0
.
1
4
1
x
1
3
5
5
5
6
8
6
-
5
.
7
-
_
_
P
D8
65
0
10
4
0
.
03
1
9
,
10
0
9
.
04
1
x
2
4-
-5
9
-
-
0
0
1
-
5
.
7
-
_
_
P
D
0
0
1
0
6
1
5
4
0
.
0
3
1
8
,
2
0
0
0
.
1
7
1
x
3
4
-
-
8
-
-
-
-
0
5
1
-
5
.
7
-
_
_
P
D0
5
19
1
24
7
0
.
09
1
2
,
40
5
8
.
01
2
x
0
5-
-0
1-
--
-
0
2
2
-
5
.
7
-
_
_
P
D
0
2
2
3
7
3
0
7
0
.
0
8
8
1
,
6
0
0
0
.
1
2
2
x
1
5
-
-
0
1
-
-
-
-
0
3
3
-
5
.
7
-
_
_
P
D0
3
35
0
60
9
0
.
01
8
2
,
90
0
0
.
15
2
x
4
5-
-1
1-
--
-
0
7
4
-
5
.
7
-
_
_
P
D
0
7
4
4
5
0
,
1
5
8
0
.
0
9
1
2
,
3
1
0
8
1
.
1
8
2
x
5
5
-
-
1
1
-
-
-
-
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
(02-07) DP Series


Similar Part No. - DPC-2.0-1500

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DPC-20-1200 PULSE-DPC-20-1200 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
DPC-20-1200 BEL-DPC-20-1200 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
DPC-20-220 PULSE-DPC-20-220 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - DPC-2.0-1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com