Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C32E Datasheet(PDF) 5 Page - AIMTEC

Part # 80C32E
Description  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

80C32E Datasheet(HTML) 5 Page - AIMTEC

  80C32E_03 Datasheet HTML 1Page - AIMTEC 80C32E_03 Datasheet HTML 2Page - AIMTEC 80C32E_03 Datasheet HTML 3Page - AIMTEC 80C32E_03 Datasheet HTML 4Page - AIMTEC 80C32E_03 Datasheet HTML 5Page - AIMTEC 80C32E_03 Datasheet HTML 6Page - AIMTEC 80C32E_03 Datasheet HTML 7Page - AIMTEC 80C32E_03 Datasheet HTML 8Page - AIMTEC 80C32E_03 Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
80C32E
4149M–AERO–06/03
Idle and Power-down
Operation
Idle mode allows the interrupt, serial port and timer blocks to continue to operate while
the clock of the CPU is gated off.
Power-down mode stops the oscillator.
Table 1. PCON Register
PCON – Power Control Register
Reset Value = 000X 0000
Not bit addressable
765432
10
SMOD
-
-
-
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7SMOD
Double Baud Rate bit
Set to select double baud rate in mode 1, 2 or 3.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3GF1
General-purpose Flag
Cleared by user for General-purpose usage.
Set by user for General-purpose usage.
2GF0
General-purpose Flag
Cleared by user for General-purpose usage.
Set by user for General-purpose usage.
1PD
Power-down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.


Similar Part No. - 80C32E_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

Similar Description - 80C32E_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com