Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC251TB Datasheet(PDF) 8 Page - Intel Corporation

Part # 8XC251TB
Description  Hardware Description
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC251TB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 8XC251TB Datasheet HTML 4Page - Intel Corporation 8XC251TB Datasheet HTML 5Page - Intel Corporation 8XC251TB Datasheet HTML 6Page - Intel Corporation 8XC251TB Datasheet HTML 7Page - Intel Corporation 8XC251TB Datasheet HTML 8Page - Intel Corporation 8XC251TB Datasheet HTML 9Page - Intel Corporation 8XC251TB Datasheet HTML 10Page - Intel Corporation 8XC251TB Datasheet HTML 11Page - Intel Corporation 8XC251TB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8xC251Tx Hardware Description
4
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
I/O
Port 3. This is an 8 bit, bidirectional I/O port with internal pullups
RXD
TXD
INT0#
INT1#
T0
T1
WR#
RD#/A16
PSEN#
O
Program Store Enable. Read signal output to external memory.
Asserted for the address range specified by the configuration byte
UCONFIG0, bits RD1:0.
RD#
O
Read. Read signal output to external memory. Asserted for the
address range specified by the configuration byte UCONFIG0, bits
RD1:0.
P3.7/A16
RST
I
Reset. Reset input to the chip. Holding this pin high for 64 oscillator
periods while the oscillator is running resets the device. The port pins
are driven to their reset conditions when a voltage greater than VIH1
is applied, whether or not the oscillator is running. This signal has a
Schmitt trigger input. Connecting the RST pin to VCC through a
capacitor provides power-on reset. Asserting RST when the chip is in
idle mode or powerdown mode returns the chip to normal operation.
RXD
I/O
Receive Serial Data. RXD send and receives data in serial I/O mode
0 and receives data in serial I/O modes 1, 2 and 3.
P3.0
RXD1
I/O
Receive Serial Data 1. RXD send and receives data in serial I/O
mode 0 and receives data in serial I/O modes 1, 2 and 3 for the sec-
ond serial I/O port.
P1.2/ECI
T1:0
I
Timer 1:0 External Clock Inputs. When Timer 1:0 operates as a
counter, a falling edge on the T1:0 pin increments the count.
P3.5:4
T2
I/O
Timer 2 Clock Input/Output. For Timer 2 capture mode, this signal
is the external clock input. For the clock-out mode, it is the timer 2
clock input.
P1.0
T2EX
I
Timer 2 External Input. In Timer 2 capture mode, a falling edge ini-
tiates a capture of Timer 2 registers. In auto-reload mode, a falling
edge causes the Timer 2 registers to be reloaded. In the up-down
counter mode, this signal determines the count direction:
•1=up
•0 = down.
P1.1
TXD
O
Transmit Serial Data. TXD outputs the shift clock in serial I/O mode
0 and transmits serial data in serial I/O modes 1, 2 and 3.
P3.1
TXD1
O
Transmit Serial Data 1. TXD outputs the shift clock in serial I/O
mode 0 and transmits serial data in serial I/O modes 1, 2 and 3 for
the second serial I/O port.
P1.3/CEX0
VCC
PWR
Supply Voltage. Connect this pin to the +5 supply voltage.
Table 2. 8xC251Tx Signal Descriptions (Sheet 2 of 3)
Signal
Name
Type
Description
Alternate
Function
* The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for non page mode configuration. If configured in
page mode, Port 0 carries the lower address bits (A7:0) and Port 2 carries the upper address bits (A15:8)
and the data (D7:0)


Similar Part No. - 8XC251TB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC251TB INTEL-8XC251TB Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - 8XC251TB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
   Hardware Description
logo
Semtech Corporation
SX1272MB2DAS SEMTECH-SX1272MB2DAS Datasheet
844Kb / 4P
   Hardware Description
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com