Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAJ-405A-000 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # MAJ-405A-000
Description  Compact SMD Interface Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

MAJ-405A-000 Datasheet(HTML) 1 Page - Nuvotem Talema

  MAJ-405A-000 Datasheet HTML 1Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
ISDN S
O Compact SMD Interface Modules
9
5
4
1
L
U
d
n
a
0
5
9
1
L
U
,
0
5
9
0
6
N
E
l
e
v
e
L
n
o
i
t
a
l
u
s
n
I
c
i
s
a
B
h
t
i
w
y
l
p
m
o
c
s
e
l
u
d
o
M
D
M
S
t
c
a
p
m
o
C
r
e
b
m
u
N
t
r
a
P
L
P
)
n
i
M
H
m
(
s
n
r
u
T
o
i
t
a
R
L
L
)
x
a
M
H
µ
(
^I
C
D
)
A
m
(
C
C
)
x
a
M
F
p
(
R
U
C P
)
s
m
h
O
(
R
U
C S
)
s
m
h
O
(
V
P
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
X
X
X
-
A
0
0
4
-
J
A
M
0
3
:
1
:
1
1
:
1
5
4
0
2
1
7
.
1
7
.
1
0
0
5
1
A
X
X
X
-
A
3
0
4
-
J
A
M0
3:
1
:
1
2
:
2
54
0
2
17
.
14
.
30
0
5
1A
X
X
X
-
A
5
0
4
-
J
A
M
0
3
:
1
:
1
5
.
2
:
5
.
2
5
4
0
2
1
9
.
1
4
.
4
0
0
5
1
A
3
-
X
X
X
-
A
0
0
4
-
J
A
M0
3:
1
:
1
1
:
1
53
0
2
17
.
17
.
10
0
5
1A
3
-
X
X
X
-
A
3
0
4
-
J
A
M
0
3
:
1
:
1
2
:
2
5
3
0
2
1
7
.
1
4
.
3
0
0
5
1
A
3
-
X
X
X
-
A
5
0
4
-
J
A
M0
3:
1
:
1
5
.
2
:
5
.
2
53
0
2
19
.
14
.
40
0
5
1A
e
k
o
h
C
e
d
o
M
n
o
m
m
o
C
x
i
f
f
u
S
+
N
/
P
c
i
s
a
B
0
7
4
-
A
3
0
4
-
J
A
M
:
e
l
p
m
a
x
E
(
LN
)
H
µ
(
R U
C
)
s
m
h
O
(
0
0
0
-
e
k
o
h
C
o
N
0
7
4
-7
45
.
0
1
0
1
-
0
0
1
7
.
0
1
0
5
-0
0
55
.
0
2
0
5
-
0
0
0
5
0
.
2
Electrical Specifications @ 25°C
Turns Ratio: Bold = IC side windings
Suggested Pad Layout
Test Conditions:
Polarity and Turns Ratio: ±1%
Inductance: 30mH minimum, line side windings in series @ 10kHz,100mV
Leakage Inductance: Line side windings in series, IC side windings short circuited @ 100kHz, 100mV
Coupling Capacitance: IC side windings in series to Line side windings in series @ 10kHz, 100mV
Common Mode Choke Inductance: 100kHz, 20mV
Test Voltage: 1.5kV for 2 Sec. - Line side windings in series to IC side windings in series
Standard Packaging: Tape and Reel
MAJ Compact Chip Module
0.047
(1.20)
0.100
(2.54)
0.591
(15.00)
0.374
(9.50)
0.700
(17.78)
0.787
(20.00)
0.551
(14.00)
0.044
(1.11)
0.472
(13.00)
7 x 0.100 (2,54)
TALEMA IN
WK/YR
Part Number
0.307
(7.80)
0.354
(9.00)
0.020 x 0.12
(0.50 x 0.30)
A
IC
Line
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Schematic
Surface Coplanarity will be 0.004(0.10) maximum
Features
• excellent output characteristics ensure compliance with CCITT.I.430
pulse waveform template when used with recommended IC pairing
• SMD modules are designed for pick and place compatability
• excellent and consistent balance between windings
• modular design maximizes suppression effectivity and transmission
properties
• full compatibility with all common IC's
• manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2001 certified Talema facility
• fully RoHS compliant and meets lead free reflow level
J-STD-020C
• operating temperature: -40° to 85°C
• storage temperature: -40 to +125°C
(10-06) Communications\MAJ
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com


Similar Part No. - MAJ-405A-000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
MAJ-405A TALEMA-MAJ-405A Datasheet
32Kb / 1P
   ISDN SO Compact SMD Interface Modules
More results

Similar Description - MAJ-405A-000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
MSJ-400A TALEMA-MSJ-400A Datasheet
32Kb / 1P
   ISDN SO Compact SMD Interface Modules
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
   Miniature SMD Interface Modules
MUJ-100A TALEMA-MUJ-100A Datasheet
127Kb / 2P
   ISDN SO Miniature SMD Interface Modules
logo
Bothhand USA, LP.
S5980 BOTHHAND-S5980 Datasheet
49Kb / 1P
   SMD SINGLE T1/E1 LINE INTERFACE MODULES
logo
Molex Electronics Ltd.
39170-1014 MOLEX-39170-1014 Datasheet
190Kb / 2P
   Interface Modules
logo
Nuvotem Talema
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
   DIL Interface Modules
logo
ebm-papst
K2E200-AD EBMPAPST-K2E200-AD Datasheet
811Kb / 2P
   AC Diagonal Compact Modules
K3G200-AD EBMPAPST-K3G200-AD Datasheet
1Mb / 2P
   EC Diagonal Compact Modules
logo
Nuvotem Talema
MHJ-200B1-000 TALEMA-MHJ-200B1-000 Datasheet
44Kb / 1P
   3kV Interface Transformer Modules
logo
Filtran LTD
8514 FILTRAN-8514 Datasheet
176Kb / 1P
   T1/E1 Interface Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com