Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6759 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M6759
Description  8-bit MTP Micro-controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M6759 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M6759 Datasheet HTML 2Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 3Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 4Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 5Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 6Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 7Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 8Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 9Page - List of Unclassifed Manufacturers M6759 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Acer Laboratories Inc.
--Proprietary, Confidential, Preliminary--
M6759: 8 bit MTP Micro-controller
Ver. 1.01, Document Number : 6759DS02.doc
Page 5
Acer Labs: 11F, no. 45 Tung Hsing Road, Taipei 110, Taiwan, R.O.C. Tel: 886-2-8768-2800 Fax: 886-2-8768-3030
Homepage : www.ali.com.tw
2.2 Pin Description Table:
Pin assignments shown below are listed based on 44-pin PLCC package. And if not additionally specified,
further pin number reference throughout this datasheet is, by default, referred to 44-pin PLCC package. As
for the QFP package, the pin number assignment should be shifted accordingly, as comparatively shown
in Section 2.1 Pinout Diagram.
Pin Name
No. (PLCC)
Type
Description
VDD
44
IN
Power supply for internal operation, 5V input.
GND
22
IN
Ground.
P0.7-P0.0
36,37,38,39,
40,41,42, 43
I/O
Port 0 is 8 bits bi-directional I/O port with internal pull high.
AD7-0
Multiplexed address/data bus. During the time when ALE is high, the LSB of a
memory address is presented.
When ALE falls, the port transitions to a bi-
directional data bus. This bus is used to read external ROM and read/write external
RAM memory or peripherals.
RST
10
IN
Reset signal of internal circuit, it must be kept 4 clocks to ensure being recognized
by internal circuit. This signal will not affect internal SRAM.
XTAL1
21
IN
Crystal In, can be used as external clock input.
XTAL2
20
OUT
Crystal out, feedback of XTAL1.
/PSEN
32
OUT
Program Store Enable Output, commonly connected to external ROM memory as
a chip enable during fetching and MOVC operation. /PSEN goes high during a reset
condition.
ALE
33
OUT
Address Latch Enable, used to latch external LSB 8 bit address bus from
multiplexed address/data bus, commonly connect to the latch enable of 373 family.
This signal will be forced high when the device is in a reset condition.
P1.7-P1.0
9,8,7,6,5,4,3
,2
I/O
Port 1 is 8 bits bi-directional I/O port with internal pull high. All pins have an
alternate function shown as below.
T2EX (P1.1)
IN
External timer/counter 2 trigger.
T2 (P1.0)
IN
External timer/counter 2.
P2.7-P2.0
31,30,29,28,
27,26,25, 24
I/O
Port 2 is 8 bits bi-directional I/O port with internal pull high. The alternate function is
MSB 8 bit address bus
A15-A8
OUT
This bus emits the high-order address byte during fetches from external Program
Memory or during accesses to external Data Memory that use 16-bit addresses
(MOVX @ DPTR).
During accesses to external Data Memory that use 8-bit addresses (MOVX @ Ri),
Port 2 emits the contents of the P2 Special Function Register.
P3.7-P3.0
19,18,17,16,
15,14,13, 11
I/O
Port 3 is an 8-bit bi-directional I/O port with internal pull high. The reset condition of
this port is with all bits at a logic 1.
Port 3 also have alternate function list below
/RD (P3.7)
OUT
External data memory read strobe.
/WR (P3.6)
OUT
External data memory write strobe.
T1 (P3.5)
IN
External timer/counter 1.
T0 (P3.4)
IN
External timer/counter 0.
/INT1 (P3.3)
IN
External interrupt 1 (Negative Edge Detect).
/INT0 (P3.2)
IN
External interrupt 0 (Negative Edge Detect).
TXD (P3.1)
OUT
Serial port output.
RXD (P3.0)
IN
Serial port input.
/EAVPP
35
IN
The pin must be externally held low to enable the device to fetch code from external
program memory.
If /EAVPP is held high, the device executes from internal
program memory. /EAVPP is internal latched on reset. This pin also receives the
12V programming voltage (VPP) during FLASH programming.
NC
1,12,23,34
NC
These pins should not be connected for any purpose


Similar Part No. - M6759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M6759 ETC1-M6759 Datasheet
136Kb / 8P
   M6759 : 8 Bit MTP Micro-controller
More results

Similar Description - M6759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M6759 ETC1-M6759 Datasheet
136Kb / 8P
   M6759 : 8 Bit MTP Micro-controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com