Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91C140 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91C140
Description  AT91 ARM Thumb Microcontrollers
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91C140 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91C140 Datasheet HTML 6Page - ATMEL Corporation AT91C140 Datasheet HTML 7Page - ATMEL Corporation AT91C140 Datasheet HTML 8Page - ATMEL Corporation AT91C140 Datasheet HTML 9Page - ATMEL Corporation AT91C140 Datasheet HTML 10Page - ATMEL Corporation AT91C140 Datasheet HTML 11Page - ATMEL Corporation AT91C140 Datasheet HTML 12Page - ATMEL Corporation AT91C140 Datasheet HTML 13Page - ATMEL Corporation AT91C140 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
10
6069C–ATARM–15-Sep-05
AT91C140
6.
ARM7TDMI Core
The ARM7TDMI is a three-stage pipeline, 32-bit RISC processor. The processor architecture
is Von Neumann load/store architecture, characterized by a single data and address bus for
instructions and data. The CPU has two instruction sets: the ARM and the Thumb instruction
set. The ARM instruction set has 32-bit wide instructions and provides maximum performance.
Thumb instructions are 16-bit wide and give maximum code density.
Instructions operate on 8-bit, 16-bit and 32-bit data types.
The CPU has seven operating modes. Each operating mode has dedicated banked registers
for fast exception handling. The processor has a total of 37 32-bit registers, including six sta-
tus registers.
7.
Power Supplies
The AT91C140 has three types of power supply pins:
• VDDCORE pins power the core, including the ARM7TDMI processor, the memories and
the peripherals; voltage is between 1.65V and 1.95V, 1.8V nominal.
• VDDIO pins power the I/O lines, including those of the External Bus Interface and those of
the peripherals; voltage is between 3V and 3.6V, 3.3V nominal.
• VDDOSC pins power the PLL and oscillator cells; voltage is between 1.65V and 1.95V,
1.8V nominal.
Ground pins are common to all power supplies.


Similar Part No. - AT91C140

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91C140 ATMEL-AT91C140 Datasheet
3Mb / 171P
   AT91 ARM Thumb Microcontrollers
AT91C140-CI ATMEL-AT91C140-CI Datasheet
3Mb / 171P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91C140

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com