Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M63200 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91M63200
Description  AT91 ARM Thumb Microcontrollers
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M63200 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91M63200_99 Datasheet HTML 1Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 2Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 3Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 4Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 5Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 6Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 7Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 8Page - ATMEL Corporation AT91M63200_99 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 153 page
background image
AT91M63200
5
Block Diagram
Figure 2. AT91M63200
ARM7TDMI Core
Embedded
ICE
Reset
Internal RAM
2K Bytes
ASB
Controller
AIC: Advanced
Interrupt Controller
AMBA Bridge
TC: Timer/
Counter
Block 0
TC0
TC1
TC2
USART0
USART1
2 PDC
Channels
2 PDC
Channels
PMC: Power
Management
Controller
APB
ASB
P
I
O
P
I
O
NRST
D0-D15
A1-A19
A0/NLB
NRD/NOE
NWR0/NWE
NWR1/NUB
NWAIT
NCS0-NCS3
MPI_A1-MPI_A9
MPI_D0-MPI_D15
MPI_NCS
MPI_RNW
MPI_BR
MPI_BG
PB19/TCLK0
PB22/TCLK1
PB25/TCLK2
PB20/TIOA0
PB21/TIOB0
PB23/TIOA1
PB24/TIOB1
PB26/TIOA2
PB27/TIOB2
MCKI
PB17/MCKO
PA10/IRQ1
PA11/IRQ2
PA12/IRQ3
PA13/FIQ
PA14/SCK0
PA15/TXD0
PA16/RXD0
PA17/SCK1
PA18/TXD1/NTRI
PA19/RXD1
PB11
PB12
PB13
PB14
PB15
PB16
TMS
TDO
TDI
TCK
NTRST
USART2
2 PDC
Channels
PA20/SCK2
PA21/TXD2
PA22/RXD2
SPI: Serial
Peripheral
Interface
WD: Watchdog
Timer
NWDOVF
TC: Timer/
Counter
Block 1
TC0
TC1
TC2
PA0/TCLK3
PA3/TCLK4
PA6/TCLK5
PA1/TIOA3
PA2/TIOB3
PA4/TIOA4
PA5/TIOB4
PA7/TIOA5
PA8/TIOB5
PB10
PB4
PB5
PB6
PB7
PB8
PB9
PB3
PB0/MPI_NOE
PB1/MPI_NLB
PB2/MPI_NUB
P
I
O
PA9/IRQ0
PA24/MISO
PA25/MOSI
PA26/NPCS0/NSS
PA27/NPCS1
PA23/SPCK
PA28/NPCS2
PA29/NPCS3
A20/CS7
A21/CS6
A22/CS5
A23/CS4
PB18/BMS
Chip ID
PIOA: Parallel I/O
Controller A
PIOB: Parallel I/O
Controller B
EBI User
Interface
2 PDC
Channels
JTAGSEL


Similar Part No. - AT91M63200_99

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M63200-12AI-1.8 ATMEL-AT91M63200-12AI-1.8 Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
AT91M63200-25AI ATMEL-AT91M63200-25AI Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
More results

Similar Description - AT91M63200_99

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com