Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M40807 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91M40807
Description  AT91 ARM Thumb Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M40807 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91M40807 Datasheet HTML 4Page - ATMEL Corporation AT91M40807 Datasheet HTML 5Page - ATMEL Corporation AT91M40807 Datasheet HTML 6Page - ATMEL Corporation AT91M40807 Datasheet HTML 7Page - ATMEL Corporation AT91M40807 Datasheet HTML 8Page - ATMEL Corporation AT91M40807 Datasheet HTML 9Page - ATMEL Corporation AT91M40807 Datasheet HTML 10Page - ATMEL Corporation AT91M40807 Datasheet HTML 11Page - ATMEL Corporation AT91M40807 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
AT91M40807
1371CS–ATARM–02/02
Product Overview
Power Supply
The AT91M40807 microcontroller has a unique type of power supply pin—VDD. The
VDD pin supplies the I/O pads and the device core. The supported voltage range on
VDD is 1.8V to 3.6V.
Input/Output
Considerations
The AT91M40807 microcontroller accepts voltage levels up to their power supply limit
on the pads.
After the reset, the peripheral I/Os are initialized as inputs to provide the user with maxi-
mum flexibility. It is recommended that in any application phase, the inputs to the
AT91M40807 microcontroller be held at valid logic levels to minimize the power
consumption.
Master Clock
The AT91M40807 microcontroller has a fully static design and works on the Master
Clock (MCK) provided on the MCKI pin from an external source.
The Master Clock is also provided as an output of the device on the pin MCKO, which is
multiplexed with a general purpose I/O line. While NRST is active, MCKO remains low.
After the reset, the MCKO is valid and outputs an image of the MCK signal. The PIO
Controller must be programmed to use this pin as standard I/O line.
Reset
Reset restores the default states of the user interface registers (defined in the user inter-
face of each peripheral), and forces the ARM7TDMI to perform the next instruction fetch
from address zero. Except for the program counter the ARM7TDMI registers do not
have defined reset states.
NRST Pin
NRST is active low-level input. It is asserted asynchronously, but exit from reset is syn-
chronized internally to the MCK. The signal presented on MCKI must be active within
the specification for a minimum of 10 clock cycles up to the rising edge of NRST, to
ensure correct operation.
The first processor fetch occurs 80 clock cycles after the rising edge of NRST.
Watchdog Reset
The watchdog can be programmed to generate an internal reset. In this case, the reset
has the same effect as the NRST pin assertion, but the pins BMS and NTRI are not
sampled. Boot mode and Tri-state mode are not updated. If the NRST pin is asserted
and the watchdog triggers the internal reset, the NRST pin has priority.
Emulation Functions
Tri-state Mode
The AT91M40807 microcontroller provides a Tri-state mode, which is used for debug
purposes. This enables the connection of an emulator probe to an application board
without having to desolder the device from the target board. In Tri-state mode all the out-
put pin drivers of the AT91M40807 microcontroller are disabled.
To enter Tri-state mode, the pin NTRI must be held low during the last 10 clock cycles
before the rising edge of NRST. For normal operation the pin NTRI must be held high
during reset, by a resistor of up to 400K Ohm.
NTRI is multiplexed with I/O line P21 and USART 1 serial data transmit line TXD1.
Standard RS232 drivers generally contain internal 400K Ohm pull-up resistors. If TXD1
is connected to a device not including this pull-up, the user must ensure that a high level
is tied on NTRI while NRST is asserted.


Similar Part No. - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   ARM짰 Thumb짰 Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   ARM® Thumb® Microcontrollers
08/02
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
More results

Similar Description - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com