Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M40807 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91M40807
Description  AT91 ARM Thumb Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M40807 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91M40807 Datasheet HTML 2Page - ATMEL Corporation AT91M40807 Datasheet HTML 3Page - ATMEL Corporation AT91M40807 Datasheet HTML 4Page - ATMEL Corporation AT91M40807 Datasheet HTML 5Page - ATMEL Corporation AT91M40807 Datasheet HTML 6Page - ATMEL Corporation AT91M40807 Datasheet HTML 7Page - ATMEL Corporation AT91M40807 Datasheet HTML 8Page - ATMEL Corporation AT91M40807 Datasheet HTML 9Page - ATMEL Corporation AT91M40807 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
AT91M40807
1371CS–ATARM–02/02
The Watchdog (WD) can be used to prevent system lock-up if the software becomes
trapped in a deadlock.
The Special Function (SF) module integrates the Chip ID, the Reset Status and the Pro-
tect registers.
User Peripherals
Two USARTs, independently configurable, enable communication at a high baud rate in
synchronous or asynchronous mode. The format includes start, stop and parity bits and
up to 8 data bits. Each USART also features a Timeout and a Time Guard register, facil-
itating the use of the two dedicated Peripheral Data Controller (PDC) channels.
The 3-channel, 16-bit Timer Counter (TC) is highly programmable and supports capture
or waveform modes. Each TC channel can be programmed to measure or generate dif-
ferent kinds of waves, and can detect and control two input/output signals. The TC has
also 3 external clock signals.


Similar Part No. - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   ARM짰 Thumb짰 Microcontrollers
AT91M40807 ATMEL-AT91M40807 Datasheet
1Mb / 153P
   ARM® Thumb® Microcontrollers
08/02
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
More results

Similar Description - AT91M40807

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com