Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7A3-AJ Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM7A3-AJ
Description  AT91 ARM Thumb-based Microcontrollers
Download  575 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3-AJ Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM7A3-AJ Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A3-AJ Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 575 page
background image
11
Preliminary
AT91SAM7A3 Preliminary
6042A–ATARM–23-Dec-04
Processor and Architecture
ARM7TDMI Processor
RISC Processor Based on ARMv4T Von Neumann Architecture
Runs at up to 60 MHz, providing 0.9 MIPS/MHz
Two instruction sets
ARM high-performance 32-bit Instruction Set
Thumb high code density 16-bit Instruction Set
Three-stage pipeline architecture
Instruction Fetch (F)
Instruction Decode (D)
–Execute (E)
Debug and Test Features
Integrated embedded in-circuit emulator
Two watchpoint units
Test access port accessible through a JTAG protocol
Debug communication channel
Debug Unit
–Two-pin UART
Debug communication channel interrupt handling
Chip ID Register
IEEE1149.1 JTAG Boundary-scan on all digital pins
Memory Controller
Bus Arbiter
Handles requests from the ARM7TDMI and the Peripheral Data Controller
Address Decoder Provides Selection Signals for
Three internal 1Mbyte memory areas
One 256 Mbyte embedded peripheral area
Abort Status Registers
Source, Type and all parameters of the access leading to an abort are saved
Facilitates debug by detection of bad pointers
Misalignment Detector
Alignment checking of all data accesses
Abort generation in case of misalignment
Remap Command
Remaps the Internal SRAM in place of the embedded non-volatile memory
Allows handling of dynamic exception vectors
16-area Memory Protection Unit
Individually programmable size between 1K Bytes and 1M Bytes
Individually programmable protection against write and/or user access
Peripheral protection against write and/or user access
Embedded Flash Controller
Embedded Flash interface, up to three programmable wait states


Similar Part No. - AT91SAM7A3-AJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3-AJ ATMEL-AT91SAM7A3-AJ Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7A3-AJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com