Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250F15W220KT4R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 250F15W220KT4R
Description  Multilayer Ceramic Feedthru Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

250F15W220KT4R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  250F15W220KT4R Datasheet HTML 1Page - List of Unclassifed Manufacturers 250F15W220KT4R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.johansondielectrics.com
15191 Bledsoe Street, Sylmar, California 91342 • (818) 364-9800• Fax (818) 364-6100
1
Multilayer CeraMiC Feedthru Chip CapaCitors
Today EMI Feedthru Filter Capacitors provide one of the
most advantageous EMI filtering characteristics compared
to some high cost/bigger size, complex design alternatives.
although SMT Feedthru Capacitors use the same production
technology and ceramic materials as standard MLCC,
because of its unique design, Feedthru Capacitors provide
more stable filtering results in wider radio frequency range.
How to order
ApplicAtions
Filtering
• Digital signal to RF interface
• RF amplifier gain filtering
Decoupling
• High frequency control line and signal
• High frequency clock and data
• High frequency power line
P/N written: 500F15W102KV4T
MARKING
4 = Unmarked
6 = EIa “J” Code
TAPE MODIFIER
Code Type
Reel
U Embossed 13”
R Punched
13”
E
Embossed
7”
T
Embossed
7”
None = Bulk Packaging
Tape specifications
conform to EIa RS481
T
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
T = Tin/Lead
(Minimum 5% Pb)
F = PolyTerm®
(F18 size, End
Termination only)
V
DIELECTRIC
N = NPO
W = x7R
W
CASE SIZE
F14 = 0603
F15 = 0805
F18 = 1206
F15
VOLTAGE
250 =
25 V
500 =
50 V
101 = 100 V
500
CAPACITANCE
1st two digits are
significant; third digit
denotes number of zeros
220 = 22 pF
101 = 100 pF
102 = 0.001 µF
102
TOLERANCE
J = ± 5%
K = ± 10%
M = ± 20%
K
NOTE: Not all combinations of Johanson Dielectrics part numbers are valid. Please refer to the appropriate
“Capacitance and Voltage Range” section for a particular product or contact your Sales Representative if you
need assistance.
AdvAntAges
Lower ESR compared to standard MLCC
Surface mountable non-polar
RoHS Compliant (100% Tin over Nickel Termination)
Tin/Lead Termination option available
PolyTerm® available on 1206 size.
Available in two dielectrics (X7R & NPO)
Capacitance ranges from 22 pF to 47 nF


Similar Part No. - 250F15W220KT4R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250F180T LITTELFUSE-250F180T Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
More results

Similar Description - 250F15W220KT4R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
   Automotive Feedthru Capacitors
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1F AVX-W2F15C4738AT1F Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com